Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 16Page - NXP Semiconductors S32K310 Datasheet HTML 17Page - NXP Semiconductors S32K310 Datasheet HTML 18Page - NXP Semiconductors S32K310 Datasheet HTML 19Page - NXP Semiconductors S32K310 Datasheet HTML 20Page - NXP Semiconductors S32K310 Datasheet HTML 21Page - NXP Semiconductors S32K310 Datasheet HTML 22Page - NXP Semiconductors S32K310 Datasheet HTML 23Page - NXP Semiconductors S32K310 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 164 page
background image
Table 3. Operating Conditions
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
VDD_HV_A
Main I/O and analog
supply voltage [1]
2.97
3.3 or 5.0 5.5
V
—
—
VDD_HV_B
Secondary I/O
supply voltage [1]
2.97
3.3 or 5.0 5.5
V
—
—
VDD_DCDC
Supply voltage for
the SMPS gate
driver [1][2]
2.97
3.3 or 5.0 5.5
V
—
—
V15
Voltage sensing
input [1][3]
1.425
1.5
1.65
V
For S32K388 and
S32K389
—
I_V15
Current consumption
of V15 pin
-2
180
400
uA
Applies to S32K388
and S32K389 in RUN
mode
—
I_V15
Current consumption
of V15 pin
-2
—
-2
uA
Applies to S32K388
and S32K389 in
Standby mode with
trickle regulator
disabled
—
V15
High-current logic
supply input
voltage [1][3]
1.425
1.5
1.65
V
For all S32K3xx
variants except
S32K388 and S32K389
—
V15_extended
High-current logic
supply input voltage,
extended range [1][3]
[4][5]
1.425
3.3 or 5.0 5.5
V
For S32K322,
S32K341, S32K342,
S32K314, S32K324,
S32K344
—
VREFH
ADC high reference
voltage [1][6]
2.97
3.3 or 5.0 5.5
V
—
—
VREFL
ADC low reference
voltage [1]
-0.1
0
0.1
V
—
—
VSS_DCDC
Power ground for the
SMPS gate driver [1]
-0.1
0
0.1
V
—
—
V25
Flash memory
and clock supply
(2.5 V),
internally regulated [1
]
—
2.5
—
V
—
—
V11
High-current core
logic supply input [1]
—
1.14
—
V
For S32K388 and
S32K389
—
V11
Core logic supply
(1.1 V), internally
regulated [1]
—
1.14
—
V
For all S32K3xx
variants except
S32K388 and S32K389
—
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
20 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com