Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 84 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 80Page - NXP Semiconductors S32K310 Datasheet HTML 81Page - NXP Semiconductors S32K310 Datasheet HTML 82Page - NXP Semiconductors S32K310 Datasheet HTML 83Page - NXP Semiconductors S32K310 Datasheet HTML 84Page - NXP Semiconductors S32K310 Datasheet HTML 85Page - NXP Semiconductors S32K310 Datasheet HTML 86Page - NXP Semiconductors S32K310 Datasheet HTML 87Page - NXP Semiconductors S32K310 Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 164 page
background image
Table 38. SAR_ADC...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
S32K342, S32K341,
S32K322)
fAD_CK
ADC Clock
Frequency
(S32K312,
S32K311, S32K310,
S32K358, S32K356,
S32K348, S32K338,
S32K328, S32K388,
S32K389)
10
—
120
MHz
—
—
tSAMPLE
ADC Input Sampling
Time
275
—
—
ns
—
—
tCONV
ADC Total
Conversion Time
1
—
—
us
12-bit result
—
tCONV
ADC Total
Conversion Time
0.9
—
—
us
10-bit result
—
CAD_INPUT
ADC Input
Capacitance
—
—
13.8
pF
ADC component
plus pad capacitance
(~2pF)
—
RAD_INPUT
ADC Input
Resistance
—
—
4.6
KΩ
ADC + mux+SOC
routing
—
RS
Source Impedance,
precision channels
—
20
—
Ω
—
—
RS
Source Impedance,
standard channels
—
20
—
Ω
—
—
TUE
ADC Total
Unadjusted Error [4]
[5]
—
+/-4
+/-6
LSB
without adjacent pin
current injection
—
TUE
ADC Total
Unadjusted Error [4]
—
+/-4
+/-8
LSB
with up to +/-3mA
of current injection on
adjacent pins
—
IAD_REF
Current
Consumption on
ADC Reference pin,
VREFH.
—
—
200
uA
Per ADC for dedicated
or shared reference
pins
—
IDDA
Current
Consumption on
ADC Supply,
VDD_HV_A
—
2.1
—
mA
Current consumption
per ADC module, ADC
enabled and converting
—
CS
Sampling
Capacitance
6.4
(gain=0)
9.72
7.36
(gain=0)
11.12
8.32
(gain=0)
12.52
pF
all channels
—
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
84 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com