Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 97 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 93Page - NXP Semiconductors S32K310 Datasheet HTML 94Page - NXP Semiconductors S32K310 Datasheet HTML 95Page - NXP Semiconductors S32K310 Datasheet HTML 96Page - NXP Semiconductors S32K310 Datasheet HTML 97Page - NXP Semiconductors S32K310 Datasheet HTML 98Page - NXP Semiconductors S32K310 Datasheet HTML 99Page - NXP Semiconductors S32K310 Datasheet HTML 100Page - NXP Semiconductors S32K310 Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 164 page
background image
Table 47. LPSPI...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tLEAD
Enable lead time
(PCS to SPSCK
delay) [7]
30
—
—
ns
Controller
3
tLEAD
Enable lead time
(PCS to SPSCK
delay) [4][7]
30
—
—
ns
Controller Loopback
3
tLAG
Enable lag time
(After SPSCK
delay) [8]
tSPCK/2 —
—
ns
Peripheral
4
tLAG
Enable lag time
(After SPSCK
delay) [8]
30
—
—
ns
Controller
4
tLAG
Enable lag time
(After SPSCK
delay) [4][8]
30
—
—
ns
Controller Loopback
4
tWSPCK
Clock (SPSCK) time
(SPSCK duty
cycle) [9]
tSPSCK/
2 - 3
—
tSPSCK/
2 + 3
ns
Peripheral
5
tWSPCK
Clock (SPSCK) time
(SPSCK duty
cycle) [9]
tSPSCK/
2 - 3
—
tSPSCK/
2 + 3
ns
Controller
5
tWSPCK
Clock (SPSCK) time
(SPSCK duty
cycle) [4][9]
tSPSCK/
2 - 3
—
tSPSCK/
2 + 3
ns
Controller Loopback
5
tSU
Data setup
time(inputs)
6
—
—
ns
Peripheral
6
tSU
Data setup
time(inputs)
25
—
—
ns
Controller
6
tSU
Data setup
time(inputs)
5
—
—
ns
Peripheral_10Mbps
6
tSU
Data setup
time(inputs)
36
—
—
ns
Controller_10Mbps
6
tSU
Data setup
time(inputs) [4]
6
—
—
ns
Controller_Loopback
6
tHI
Data hold
time(inputs)
3
—
—
ns
Peripheral
7
tHI
Data hold
time(inputs)
0
—
—
ns
Controller
7
tHI
Data hold
time(inputs)
4
—
—
ns
Peripheral_10Mbps
7
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
97 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com