Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 101 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 101 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 97Page - NXP Semiconductors S32K310 Datasheet HTML 98Page - NXP Semiconductors S32K310 Datasheet HTML 99Page - NXP Semiconductors S32K310 Datasheet HTML 100Page - NXP Semiconductors S32K310 Datasheet HTML 101Page - NXP Semiconductors S32K310 Datasheet HTML 102Page - NXP Semiconductors S32K310 Datasheet HTML 103Page - NXP Semiconductors S32K310 Datasheet HTML 104Page - NXP Semiconductors S32K310 Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 164 page
background image
PORT DATA
PORT DATA
BIT 6 ... 1
MSB IN2
SS1
(OUTPUT)
SPSCK
(CPOL = 0)
(OUTPUT)
SPSCK
(CPOL = 1)
(OUTPUT)
MISO
(INPUT)
MOSI
(OUTPUT)
LSB IN
BIT 6 ... 1
3
5
5
7
10
11
6
4
2
CONTROLLER MSB OUT
CONTROLLER LSB OUT
Figure 49. LPSPI Controller Mode Timing (CPHA=1)
12.2 LPSPI0 20 MHz and 15 MHz Combinations
Note: 15 and 20 Mbps is supported on LPSPI0 only.
All measurements are with maximum output load of 25pF (except 30pF support on S32K356 and S32K358 with Standard-Plus
IOs, and 50pF support on S32K388 and S32K389 with Standard-Plus IOs). S32K31x devices support only 15 MHz modes and
all other devices support both 15 and 20 MHz combinations.
Table 48. LPSPI0 20 MHz and 15 MHz Combinations
PORT
SPI Signal
20Mbps (In loopback
mode only)
15 Mbps
PTB1
LPSPI0_SOUT
LPSPI0_SOUT
PTB0
LPSPI0_PCS0
LPSPI0_PCS0
PTC9
LPSPI0_SIN
LPSPI0_SIN
PTC8
LPSPI0_SCK
LPSPI0_SCK
PTD6
LPSPI0_PCS0
LPSPI0_PCS0
PTD5
LPSPI0_PCS1
LPSPI0_PCS1
PTD12
LPSPI0_SOUT
LPSPI0_SOUT
PTD11
LPSPI0_SCK
LPSPI0_SCK
PTD10
LPSPI0_SIN
LPSPI0_SIN
Note: Trace length should not exceed 11 inches for SCK pad when used in Controller loopback mode.
12.3 LPSPI* 20MHz combination for S32K388 and S32K389
Note: LPSPI running at 20MHz speed is possible only on specific pads as per table below.
All measurements are with maximum output load of 25pF.
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
101 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com