Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 105 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 105 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 101Page - NXP Semiconductors S32K310 Datasheet HTML 102Page - NXP Semiconductors S32K310 Datasheet HTML 103Page - NXP Semiconductors S32K310 Datasheet HTML 104Page - NXP Semiconductors S32K310 Datasheet HTML 105Page - NXP Semiconductors S32K310 Datasheet HTML 106Page - NXP Semiconductors S32K310 Datasheet HTML 107Page - NXP Semiconductors S32K310 Datasheet HTML 108Page - NXP Semiconductors S32K310 Datasheet HTML 109Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 164 page
background image
12.5 I2C
See I/O parameters for I2C specification.
"For supported baud rate see section 'Chip-specific LPI2C information' of the Reference Manual."
12.6 FlexCAN characteristics
See I/O parameters for FlexCAN specification.
"For supported baud rate, see section 'Protocol timing' of the Reference Manual."
12.7 SAI electrical specifications
12.7.1 SAI Electrical Characteristics, Target Mode
The following table describes the SAI electrical characteristics. Measurements are with maximum output load of 30pF,
input transition of 1ns and pad configured with DSE = 1'b1 and SRE = 1'b0. I/O operating voltage ranges from 2.97 V to 3.63 V.
Valid pin combinations to be referred from K3xx*_Use sheet in IOmux.
Table 54. SAI Electrical Characteristics, Target Mode
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
S13
SAI_BCLK cycle
time (input)
80
—
—
ns
—
—
S14
SAI_BCLK pulse
width high/low
(input) [1]
45
—
55
%
—
—
S15
SAI_RXD input
setup before
SAI_BCLK
8
—
—
ns
Applies to all S32K3xx
except S32K389
—
S15
SAI_RXD input
setup before
SAI_BCLK
8.5
—
—
ns
Applies to S32K389
—
S16
SAI_RXD input hold
after SAI_BCLK
2
—
—
ns
—
—
S17
SAI_BCLK to
SAI_TXD output
valid
—
—
28
ns
—
—
S18
SAI_BCLK to
SAI_TXD output
invalid
0
—
—
ns
—
—
S19
SAI_FS input setup
before SAI_BCLK
8
—
—
ns
Applies to all S32K3xx
except S32K389
—
S19
SAI_FS input setup
before SAI_BCLK
8.5
—
—
ns
Applies to S32K389
—
S20
SAI_FS input hold
after SAI_BCLK
2
—
—
ns
—
—
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
105 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com