Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 102 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 102 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 98Page - NXP Semiconductors S32K310 Datasheet HTML 99Page - NXP Semiconductors S32K310 Datasheet HTML 100Page - NXP Semiconductors S32K310 Datasheet HTML 101Page - NXP Semiconductors S32K310 Datasheet HTML 102Page - NXP Semiconductors S32K310 Datasheet HTML 103Page - NXP Semiconductors S32K310 Datasheet HTML 104Page - NXP Semiconductors S32K310 Datasheet HTML 105Page - NXP Semiconductors S32K310 Datasheet HTML 106Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 164 page
background image
Table 49. LPSPI2 and LPSPI5 20MHz combination for S32K388 and S32K389
LPSPI Instance
Signal Type
PIN
LPSPI Signal
LPSPI2 Controller Loopback
PCS
PTF7
LPSPI2_PCS0
SCK
PTA11
LPSPI2_SCK
SOUT
PTF4
LPSPI2_SOUT
SIN
PTE24
LPSPI2_SIN
LPSPI5 Controller Loopback
PCS
PTG23
LPSPI5_PCS0
SCK
PTD31
LPSPI5_SCK
SOUT
PTG25
LPSPI5_SOUT
SIN
PTD28
LPSPI5_SIN
Table 50. LPSPI5 and LPSPI0 20MHz combination for S32K388 and S32K389
LPSPI Instance
Signal Type
PIN
LPSPI Signal
LPSPI5 Controller Loopback
PCS
PTD17
LPSPI5_PCS0
SCK
PTD14
LPSPI5_SCK
SOUT(MOSI)
PTE9
LPSPI5_SOUT
SIN(MISO)
PTD13
LPSPI5_SIN
LPSPI0 Controller Loopback
PCS
PTD6
LPSPI0_PCS0
SCK
PTD11
LPSPI0_SCK
SOUT(MOSI)
PTD12
LPSPI0_SOUT
SIN(MISO)
PTD10
LPSPI0_SIN
Table 51. LPSPI1, LPSPI3 and LPSPI4 20 MHz combination for S32K389
LPSPI Instance
Signal Type
PIN
LPSPI Signal
I/O Power Domain
LPSPI1 Controller
Loopback
PCS
PTI16
LPSPI1_PCS0
VDD_HV_A
SCK
PTI23
LPSPI1_SCK
VDD_HV_A
SOUT
PTI18
LPSPI1_SOUT
VDD_HV_A
SIN
PTI20
LPSPI1_SIN
VDD_HV_A
LPSPI3 Controller
Loopback
PCS
PTJ16
LPSPI3_PCS0
VDD_HV_A
SCK
PTJ10
LPSPI3_SCK
VDD_HV_A
SOUT
PTJ14
LPSPI3_SOUT
VDD_HV_A
SIN
PTJ12
LPSPI3_SIN
VDD_HV_A
LPSPI4 Controller
Loopback
PCS
PTK0
LPSPI4_PCS0
VDD_HV_B
SCK
PTJ29
LPSPI4_SCK
VDD_HV_B
SOUT
PTJ26
LPSPI4_SOUT
VDD_HV_B
SIN
PTJ23
LPSPI4_SIN
VDD_HV_B
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
102 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com