Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 88 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 84Page - NXP Semiconductors S32K310 Datasheet HTML 85Page - NXP Semiconductors S32K310 Datasheet HTML 86Page - NXP Semiconductors S32K310 Datasheet HTML 87Page - NXP Semiconductors S32K310 Datasheet HTML 88Page - NXP Semiconductors S32K310 Datasheet HTML 89Page - NXP Semiconductors S32K310 Datasheet HTML 90Page - NXP Semiconductors S32K310 Datasheet HTML 91Page - NXP Semiconductors S32K310 Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 164 page
background image
Table 40. Low Power Comparator (LPCMP)...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
DNL
DAC differential
linearity [1][7]
-1.5
—
1.5
LSB
vrefh_cmp < vdda
—
tDDAC
DAC
Initialization time
—
—
30
us
—
—
VAIN
Analog input voltage 0
—
VDDA
V
—
—
[1] vdda is comparator HV supply and internally shorted to VDD_HV_A pin. vss is comparator ground
[2] Difference at input > 200mV
[3] Applied +/- (100 mV + VAHYST0/1/2/3 + max. of VAIO) around switch point
[4] Applied +/- (30 mV + VAHYST0/1/2/3 + max. of VAIO) around switch point
[5] Applied ± (100 mV + VAHYST0/1/2/3 ).
[6] Calculation method used: Linear Regression Least Square Method
[7] 1 LSB = (vrefh_cmp - vrefl_cmp) /256. vrefh_cmp and vrefl_cmp are comparator reference high and low
For Comparator IN signals adjacent to VDD_HV_A/VDD_HV_B/VSS or XTAL/EXTAL or switching pins cross coupling may
happen and hence hysteresis settings can be used to obtain the desired Comparator performance. Additionally an external
capacitor to ground (1nF) should be used to filter noise on input signal. Also source drive should not be weak (Signal with <50K
pull up/down is recommended).
For devices where the VDD_HV_B domain is present, LPCMP0 channels must only be selected/enabled when VDD_HV_A >=
VDD_HV_B. These channels must be disabled when VDD_HV_A goes below VDD_HV_B. See GPIO test conditions before
applying LPCMP channel input reference.
0
3.3
3.0
1.5
2.1
0.6
30
60
Hysteresis
(mV)
0
VAIN (V)
Junction Temp (°C)
VDD_HV_A (V)
HYSTCTR setting
0.3
1.2
2.4
2.7
0.9
1.8
3.3
25
90
00
01
10
11
Figure 40. Typical Hysteresis vs VAIN (VDD_HV_A = 3.3 V, High Speed Mode)
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
88 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com