Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 19Page - NXP Semiconductors S32K310 Datasheet HTML 20Page - NXP Semiconductors S32K310 Datasheet HTML 21Page - NXP Semiconductors S32K310 Datasheet HTML 22Page - NXP Semiconductors S32K310 Datasheet HTML 23Page - NXP Semiconductors S32K310 Datasheet HTML 24Page - NXP Semiconductors S32K310 Datasheet HTML 25Page - NXP Semiconductors S32K310 Datasheet HTML 26Page - NXP Semiconductors S32K310 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 164 page
background image
Table 6. Power mode transition operating behavior
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tMODE_
STDBYENTRY
RUN -->
STANDBY transition
time
—
1035
—
ns
For S32K388 and
S32K389
—
tMODE_
STDBYENTRY
RUN --> STANDBY
transition time
—
955
—
ns
—
—
tMODE_
STDBYEXIT_FAST
STANDBY -->
RUN transition
time, FastRecovery,
V15External
—
58.5
—
us
For S32K328,
S32K338, S32K348,
S32K356 and S32K358
—
tMODE_
STDBYEXIT_FAST
STANDBY --> RUN
transition time, Fast
Recovery exit
—
53
—
us
FIRC ON @48MHz
in Standby mode, For
all S32K3xx devices
except S32K3x8 and
S32K389
—
tMODE_
STDBYEXIT
STANDBY --> RUN
transition time,
normal recovery exit
—
80
—
us
For all S32K3xx
devices except
S32K3x8 and S32K389
—
tMODE_
STDBYEXIT
STANDBY --> RUN
transition time,
Normal Recovery,
V15 External
—
140
—
us
For S32K328,
S32K338, S32K348,
S32K356 and S32K358
—
tMODE_
STDBYEXIT
STANDBY -->
RUN transition
time, V15 SMPS
with trickle LDO
enabled
—
186
—
us
For S32K388 and
S32K389
—
tMODE_
STDBYEXIT
STANDBY --> RUN
transition time, with
SMPS trickle LDO
disabled [1]
—
212
—
us
For S32K388 and
S32K389
—
tMODE_
STDBYEXIT
STANDBY --> RUN
transition, time
Normal Recovery,
V15 SMPS
—
154
—
us
For S32K328,
S32K338, S32K348,
S32K356 and S32K358
—
[1] S32K388 and S32K389 doesn’t support the FAST STANDBY EXIT recovery
6.1.2 Boot time, HSE firmware not installed
Table 7. Boot time, HSE firmware not installed
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tBOOT_noHSE
After a POR event,
amount of time to
—
2
—
ms
Device running from
FIRC (clocking option
—
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
23 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com