Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 61 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 57Page - NXP Semiconductors S32K310 Datasheet HTML 58Page - NXP Semiconductors S32K310 Datasheet HTML 59Page - NXP Semiconductors S32K310 Datasheet HTML 60Page - NXP Semiconductors S32K310 Datasheet HTML 61Page - NXP Semiconductors S32K310 Datasheet HTML 62Page - NXP Semiconductors S32K310 Datasheet HTML 63Page - NXP Semiconductors S32K310 Datasheet HTML 64Page - NXP Semiconductors S32K310 Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 164 page
background image
Table 20. Example RUN mode configuration supply currents for S32K312, S32K311, S32K311 ...continued
85, max [7]
76.4
66.3
105, typ [6]
65.8
55
105, max [7]
94.4
84.4
125, typ [6]
78.6
64.7
125, max [7], [8], [9]
120.7
110.5
S32K311, S32K310
25, typ [6]
53.4
NA
43
NA
25, max [7]
57.7
51.2
85, typ [6]
56.8
50.8
85, max [7]
73.2
66
105, typ [6]
60.1
54
105, max [7]
88.5
81.9
125, typ [6]
66.3
60.2
125, max [7], [8],[9]
115.3
109.3
[1] Current numbers are for reduced configuration and may vary based on user configuration and silicon process variation.
[2] See the configurations in Table 23.
[3] IO current is not included. The actual current requirements for IOs will depend on the I/O configuration in the application.
[4] RUN IDD @ VDD_HV_A includes Flash memory read current from the V25 voltage rail.
[5] RUN IDD @ V15 includes Flash memory read current from the V11 voltage rail.
[6] “typ” is indicative of the average current numbers at the nominal internally regulated V11 supply voltage, VDD_HV_A = 5.0V, VDD_HV_B = 5.0V, V15 = 1.5V, for
the typical silicon process
[7] "max” is indicative of the maximum current numbers at the maximum internally regulated V11 supply voltage (1.16 V), VDD_HV_A = 5.5V, VDD_HV_B = 5.5V,
V15 = 1.65V, for the fast silicon proce
[8] For the maximum allowable RUN current in an application, the junction temperature must be kept below the maximum specification, TJ < 150°C, to
avoid self-heating.
[9] If the total power dissipation would cause the junction temperature to be exceeded when VDD_HV_A is at 5V, then VDD_HV_A should be limited to operate at 3.3V.
Table 21. Example RUN mode configuration supply currents for S32K389
Chip
Ambient
Temperatu
re (°C)
RUN Mode (mA) [1]
Config.
8 [2]1xLS +
3x cores
@320
MHz
Config.
9 [2]1xLS +
3x cores
@320
MHz
Config.
10 [2]1xLS
+ 3x cores
@240
MHz
Config.
11 [2]1xLS
core
@240
MHz
Config.
12 [2]1xLS
+ 1x core
@240
MHz
Config.
13 [2]1xLS
core
@240
MHz
All config
All config
V15 /V115 V15/V11 [3] V15/V11 [3] V15/V11 [3] V15 /V11[3] V15 /V11[3] VDD_HV_
B [4], [5]
VDD_HV_
A [4]
S32K389
25, typ [6]
641.6
589.2
464.7
311.1
405.9
305.1
1.8
4.5
25, max [7]
776.1
600.3
514.2
351.0
453.8
350.0
2.7
5.1
85, typ[6]
741.2
643.3
556.1
402.1
497.0
396.0
1.8
4.6
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
61 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com