Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 89 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 85Page - NXP Semiconductors S32K310 Datasheet HTML 86Page - NXP Semiconductors S32K310 Datasheet HTML 87Page - NXP Semiconductors S32K310 Datasheet HTML 88Page - NXP Semiconductors S32K310 Datasheet HTML 89Page - NXP Semiconductors S32K310 Datasheet HTML 90Page - NXP Semiconductors S32K310 Datasheet HTML 91Page - NXP Semiconductors S32K310 Datasheet HTML 92Page - NXP Semiconductors S32K310 Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 164 page
background image
0
3.3
3.0
1.5
2.1
0.6
20
40
60
Hysteresis
(mV)
0
HYSTCTR setting
0.3
1.2
2.4
2.7
0.9
1.8
3.3
25
00
VAIN (V)
Junction Temp (°C)
VDD_HV_A (V)
01
10
11
Figure 41. Typical Hysteresis vs VAIN (VDD_HV_A = 3.3 V, Low Speed Mode)
0
3.0
4.0
30
60
Hysteresis
(mV)
0
VAIN (V)
Junction Temp (°C)
VDD_HV_A (V)
HYSTCTR setting
0.5
2.5
4.5
5.0
1.0
3.5
5
25
90
1.5
2.0
00
01
10
11
Figure 42. Typical Hysteresis vs VAIN (VDD_HV_A = 5 V, High Speed Mode).png
0
3.0
4.0
VAIN (V)
Junction Temp (°C)
VDD_HV_A (V)
HYSTCTR setting
0.5
2.5
4.5
5.0
1.0
3.5
5
25
1.5
2.0
00
01
10
11
20
40
60
Hysteresis
(mV)
0
Figure 43. Typical Hysteresis vs VAIN (VDD_HV_A = 5 V, Low Speed Mode).png
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
89 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com