Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 14Page - NXP Semiconductors S32K310 Datasheet HTML 15Page - NXP Semiconductors S32K310 Datasheet HTML 16Page - NXP Semiconductors S32K310 Datasheet HTML 17Page - NXP Semiconductors S32K310 Datasheet HTML 18Page - NXP Semiconductors S32K310 Datasheet HTML 19Page - NXP Semiconductors S32K310 Datasheet HTML 20Page - NXP Semiconductors S32K310 Datasheet HTML 21Page - NXP Semiconductors S32K310 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 164 page
background image
unpredictable chip behavior (for example, POR flag not set). Once in the illegal state, powering up the chip further and
then applying reset will clear the illegal state. Injection current specified for the chip under the aspect of absolute maximum ratings
represent the capability of the internal circuitry to withstand such condition without causing physical damage. Functional operation
of the chip under conditions - specified as absolute maximum ratings - is not implied.
Note: Functional operating conditions appear in the DC electrical characteristics. Absolute maximum ratings are stress ratings
only, and functional operation at the maximum values is not guaranteed. See footnotes in the following table for specific conditions.
Stress beyond the listed maximum values may affect device reliability or cause permanent damage to the device. All the
limits defined in the datasheet specification must be honored together and any violation to any one or more will not guarantee
desired operation. Unless otherwise specified, all maximum and minimum values in the datasheet are across process, voltage,
and temperature.
The VDD_HV_B and V15 voltage supply domains are only present in certain devices and packages
(S32K388, S32K389, S32K358, S32K356, S32K348, S32K338, S32K328, S32K344, S32K324, S32K314, S32K342,
S32K341, S32K322).
The VDD_DCDC supply voltage is only present in certain devices and packages (S32K358, S32K356, S32K348, S32K338,
S32K328, S32K388 and S32K389).
Table 2. Absolute maximum ratings
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
VDD_HV_A
Main I/O and
analog supply
voltage [1][2]
-0.3
—
6.0
V
—
—
VDD_HV_B
Secondary I/O
supply voltage [1][2]
-0.3
—
6.0
V
—
—
VDD_DCDC
Supply voltage for
the SMPS gate
driver [1][2][3]
-0.3
—
6.0
V
—
—
V15
Voltage sensing
input [1]
-0.3
—
2.75
V
For S32K388 and
S32K389
—
V15
High-current
logic supply
voltage [1]
-0.3
—
2.75
V
For S32K358,
S32K356, S32K348,
S32K338 and S32K328
—
V15
High-current
logic supply
voltage [1][2]
-0.3
—
6.0
V
For all S32K3xx
variants except
S32K388, S32K389,
S32K358, S32K356,
S32K348, S32K338
and S32K328
—
V25
Flash memory
supply (2.5 V),
internally regulated [1
]
-0.3
—
2.9
V
—
—
V11
High-current core
logic supply input [1]
-0.3
—
1.26
V
For S32K388 and
S32K389
—
V11
Core logic
voltage supply
-0.3
—
1.26
V
For all S32K3xx
variants except
S32K388 and S32K389
—
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
18 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com