Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 86 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 82Page - NXP Semiconductors S32K310 Datasheet HTML 83Page - NXP Semiconductors S32K310 Datasheet HTML 84Page - NXP Semiconductors S32K310 Datasheet HTML 85Page - NXP Semiconductors S32K310 Datasheet HTML 86Page - NXP Semiconductors S32K310 Datasheet HTML 87Page - NXP Semiconductors S32K310 Datasheet HTML 88Page - NXP Semiconductors S32K310 Datasheet HTML 89Page - NXP Semiconductors S32K310 Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 164 page
background image
10.2 Supply Diagnosis
The table below gives the specification for the on die supply diagnosis.
Table 39. Supply Diagnosis
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
AN_ACC
Offset to internally
monitored supply at
ADC input [1][2][3]
-5
0
5
%
—
—
AN_T_on
Switching time from
closed (OFF) to
conducting (ON) [3]
—
2.5
12
ns
—
—
AN_TADCSA
Required ADC
sampling time [1]
1.2
—
—
µs
—
—
[1] Required ADC sampling time specified by parameter AN_TADCSA needs to be used at the ADC conversion to guarantee the specified accuracy. A
smaller sampling time leads to a less accurate result.
[2] If V15 > VDD_HV_A +100mV then the V15 measurement via anamux may be imprecise.
[3] These specs will have degraded performance when used in extended supply voltage operation range, i.e. normal supply voltage range specification is
exceeded.
10.3 Low Power Comparator (LPCMP)
Table 40. Low Power Comparator (LPCMP)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
idda(IDHSS)
vdda Supply
Current, High Speed
Mode [1][2]
—
240
—
uA
—
—
idda(IDLSS)
vdda Supply
Current, Low Speed
Mode [1][2]
—
17
—
uA
—
—
idda(IDHSS)
vdda Supply
Current, high speed
mode, DAC only [1]
—
10
—
uA
—
—
idda_lkg
vdda Supply
Current, module
disabled [1]
—
2
—
nA
vdda=5.5V, T=25C
—
TDHSB
Propagation Delay,
High Speed Mode [3]
—
—
200
ns
—
—
TDLSB
Propagation Delay,
Low Speed mode [3]
—
—
2
us
—
—
TDHSS
Propagation Delay,
High Speed Mode [4]
—
—
400
ns
—
—
TDLSS
Propagation Delay,
Low Speed mode [4]
—
—
5
us
—
—
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
86 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com