Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 54 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 50Page - NXP Semiconductors S32K310 Datasheet HTML 51Page - NXP Semiconductors S32K310 Datasheet HTML 52Page - NXP Semiconductors S32K310 Datasheet HTML 53Page - NXP Semiconductors S32K310 Datasheet HTML 54Page - NXP Semiconductors S32K310 Datasheet HTML 55Page - NXP Semiconductors S32K310 Datasheet HTML 56Page - NXP Semiconductors S32K310 Datasheet HTML 57Page - NXP Semiconductors S32K310 Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 164 page
background image
Table 16. Low speed RUN mode supply currents...continued
125, typ [7] 35.3
25.3
46.4
125,
max [8], [9],
[10]
79.8
66.9
90.1
S32K311,
S32K310
25, typ [7]
12.9
NA
NA
4.4
NA
NA
22.4
NA
NA
NA
25, max [8] 14.9
6.0
24.8
85, typ [7]
16.0
7.5
25.6
85, max [8] 31.0
22.2
41.1
105, typ [7] 19.1
10.5
28.7
105,
max [8]
45.8
36.8
55.6
125, typ [7] 25.2
16.5
34.7
125,
max [8], [9],
[10]
73.2
64.3
82.4
[1] Current numbers are for reduced configuration and may vary based on user configuration and silicon process variation.
[2] See the example configurations in Table 22
[3] IO load current is not included. The actual current requirements for IOs will depend on the I/O configuration in the application.
[4] RUN IDD @ VDD_HV_A includes Flash memory read current from the V25 voltage rail.
[5] RUN IDD @ V15 includes Flash memory read current from the V11 voltage rail
[6] For S32K38x, the current from a V15 supply will flow through the external NMOS for the V11 regulation stage, and into the V11 pins of the device.
[7] “typ” is indicative of the average current numbers at the nominal internally regulated V11 supply voltage, VDD_HV_A = 5.0V, VDD_HV_B = 5.0V, V15 = 1.5V,
for the typical silicon process.
[8] “max” is indicative of the maximum current numbers at the maximum internally regulated V11 supply voltage (1.16 V), VDD_HV_A = 5.5V, VDD_HV_B = 5.5V,
V15 = 1.65V, for the fast silicon process.
[9] For the maximum allowable RUN current in an application, the junction temperature must be kept below the maximum specification, TJ < 150°C, to avoid
self-heating.
[10] If the total power dissipation would cause the junction temperature to be exceeded when VDD_HV_A is at 5V, then VDD_HV_A should be limited to operate at
3.3V.
Typical current numbers are indicative for typical silicon process and may vary based on the silicon distribution and user
configuration. Typical conditions assumes VDD_HV_A = VREFH = 5 V, VDD_HV_B = 5V (if the VDD_HV_B domain present in the
device), temperature = 25 °C and typical silicon process unless otherwise stated.
Table 17. RUN mode supply currents (peripherals disabled) for S32K389, S32K3x8, S32K34x, S32K32x and S32K314
Chip
Ambient
Temperature
(°C)
RUN Mode (mA) [1]
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
54 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com