Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 26Page - NXP Semiconductors S32K310 Datasheet HTML 27Page - NXP Semiconductors S32K310 Datasheet HTML 28Page - NXP Semiconductors S32K310 Datasheet HTML 29Page - NXP Semiconductors S32K310 Datasheet HTML 30Page - NXP Semiconductors S32K310 Datasheet HTML 31Page - NXP Semiconductors S32K310 Datasheet HTML 32Page - NXP Semiconductors S32K310 Datasheet HTML 33Page - NXP Semiconductors S32K310 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 164 page
background image
Table 10. Supply Monitoring...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
—
VDD_HV_B LVR
monitor hysteresis
—
18.75
—
mV
—
—
HVD_VDD_HV_B
HVD on VDD_HV_B,
assert threshold (in
FPM)
5.787
5.887
5.987
V
—
—
—
VDD_HV_B HVD
monitor hysteresis
—
37.5
—
mV
—
—
LVD_VDD_HV_A
Low Voltage
Detect (LVD5A) on
VDD_HV_A, assert
threshold (in FPM)
4.33
4.41
4.49
V
—
—
—
VDD_HV_A
LVD monitor
hysteresis
—
37.5
—
mV
—
—
VPOR_VDD_HV_A Power-On-Reset
(VPOR) on
VDD_HV_A,
deassert threshold
0.9
1.5
2.2
V
—
—
VREF12
Bandgap reference,
trimmed [2]
1.18
1.2
1.22
V
—
—
[1] The HVD_V15 monitor is provided to indicate if the V15 rail is far above the standard V15 operating range , to ensure failures in the V15 regulator are
detected
[2] Does not take into consideration the accuracy associated with the ADC or other application-specific factors such as variations in power supply, reference
voltage instability, and external sources of noise. See section ADC electrical specification and applicable application note(s) and assess sources of variation in
the application when determining limits
6.3 Recommended Decoupling Capacitors
Table 11. Recommended Decoupling Capacitors
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
CDEC
Decoupling capacitor
(one per supply
pin) [1][2][3]
—
100 or
220
—
nF
—
—
CBULK
Input supply bulk
capacitor [1][4][5][6]
—
4.7 or 10 —
µF
—
—
COUT_V15_NPN
V15 (1.5V
Regulator) output
capacitor [1][7]
—
2.2
—
µF
—
—
COUT_V11
V11 (1.1V
Regulator)
output capacitor (all
chips, except
—
2.2
—
µF
—
—
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
30 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com