Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 96 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 92Page - NXP Semiconductors S32K310 Datasheet HTML 93Page - NXP Semiconductors S32K310 Datasheet HTML 94Page - NXP Semiconductors S32K310 Datasheet HTML 95Page - NXP Semiconductors S32K310 Datasheet HTML 96Page - NXP Semiconductors S32K310 Datasheet HTML 97Page - NXP Semiconductors S32K310 Datasheet HTML 98Page - NXP Semiconductors S32K310 Datasheet HTML 99Page - NXP Semiconductors S32K310 Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 164 page
background image
12 Communication interfaces
12.1 LPSPI
The Low Power Serial Peripheral Interface (LPSPI) provides a synchronous serial bus with controller and peripheral operations.
Many of the transfer attributes are programmable. The following table provides timing characteristics for classic LPSPI
timing modes.
1. All timing is shown with respect to 50% VDD_HV_A/B thresholds.
2. All measurements are with maximum output load of 30pF (except 50pF support on K3x8 and S32K389 with Fast/Medium/
Standard-Plus IOs), input transition of 1 ns and pad configured DSE = 1, SRC = 0.
Table 47. LPSPI
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fperiph
Peripheral Frequenc
y [1][2][3]
—
—
40
MHz
Controller, Applies to
all S32K3xx except
S32K389
—
fperiph
Peripheral Frequenc
y [1][2][3]
—
—
80
MHz
Controller, Applies to
S32K389
—
fperiph
Peripheral Frequenc
y [1][2][3]
—
—
40
MHz
Peripheral, Applies to
all S32K3xx except
S32K389
—
fperiph
Peripheral Frequenc
y [1][2][3]
—
—
80
MHz
Peripheral, Applies to
S32K389
—
fperiph
Peripheral Frequenc
y [1][2][4]
—
—
80
MHz
Controller Loopback
—
fop
Operating frequency —
—
15
MHz
Peripheral
1
fop
Operating frequency —
—
15
MHz
Controller
1
fop
Operating
frequency [5]
—
—
10
MHz
Peripheral_10Mbps
1
fop
Operating
frequency [5]
—
—
10
MHz
Controller_10Mbps
1
fop
Operating
frequency [4][6]
—
—
20
MHz
Controller Loopback
1
tSPSCK
SPSCK period
66
—
—
ns
Peripheral
2
tSPSCK
SPSCK period
66
—
—
ns
Controller
2
tSPSCK
SPSCK period [4]
50
—
—
ns
Controller Loopback
2
tSPSCK
SPSCK period
100
—
—
ns
Controller_10Mbps
2
tSPSCK
SPSCK period
100
—
—
ns
Peripheral_10Mbps
2
tLEAD
Enable lead time
(PCS to SPSCK
delay) [7]
tSPCK/2 —
—
ns
Peripheral
3
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
96 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com