Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 15Page - NXP Semiconductors S32K310 Datasheet HTML 16Page - NXP Semiconductors S32K310 Datasheet HTML 17Page - NXP Semiconductors S32K310 Datasheet HTML 18Page - NXP Semiconductors S32K310 Datasheet HTML 19Page - NXP Semiconductors S32K310 Datasheet HTML 20Page - NXP Semiconductors S32K310 Datasheet HTML 21Page - NXP Semiconductors S32K310 Datasheet HTML 22Page - NXP Semiconductors S32K310 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 164 page
background image
Table 2. Absolute maximum ratings...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
(1.1 V), internally
regulated [1]
VREFH
ADC high reference
voltage [1][2]
-0.3
—
6.0
V
—
—
VREFL
ADC low reference
voltage [1]
-0.3
—
0.3
V
—
—
VGPIO_trans
Transient
overshoot voltage
allowed on I/O pin [1]
[2][4]
-
—
6.0
V
—
—
I_INJPAD_DC_ABS Continuous DC
input current
(positive/negative)
that can be injected
into an I/O pin [5]
-3
—
3
mA
—
—
I_INJSUM_DC_
ABS
Sum of absolute
value of injected
currents on all the
I/O pins (continuous
DC limit) [5][6]
—
—
30
mA
—
—
TSTG
Storage ambient
temperature [7]
-55
—
150
°C
—
—
TSDR
Maximum solder
temperature[8]
260
°C
Pb free
[1] All voltages are referred to VSS unless otherwise specified.
[2] 6.0 V maximum for 10 hours over lifetime; 7.0 V maximum for 60 seconds over lifetime.
[3] Voltage at VDD_DCDC cannot be higher than VDD_HV_A.
[4] When a low impedance voltage source, without current limitation, is connected to one or more I/O pins, the VGPIO_trans absolute max rating must be
honored. During current injection, the voltage at the I/O pin or pins could go beyond this limit if (and ONLY IF) the injected current is being limited
(I_INJPAD_DC_ABS is respected).
[5] When the input pad voltage levels are close to VDD_HV_A (respectively to VDD_HV_B) or VSS, plus /minus the forward voltage of ESD diodes, practically,
no current is being injected. When these limits are exceeded, the maximum input current spec must be honored. See S32K3 Hardware Design Guidelines for
more details and recommendations for protecting the devices against injection current.
[6] If a positive injection current is present in one or more I/O pins, and the device is in Low-Speed RUN or STANDBY mode, the VDD_HV_A (or respectively,
VDD_HV_B) may lift and cause unexpected behavior. Therefore, it is recommended to add external protection hardware, to safely cover this scenario.
[7] TSTG specifies the storage temperature range. It is not the operating temperature range. Please refer to the Thermal operating characteristics table.
[8] Solder profile per IPC/JEDEC J-STD-020D.
5.2 Operating Conditions
Note: Device functionality is guaranteed down to the LVR assert level, however electrical performance of 12-bit ADC, CMP with
8-bit DAC, IO electrical characteristics, and communication modules electrical characteristics will be degraded when voltage
drops below 2.97 V.
The VDD_HV_B and V15 voltage supply domains are only present in certain devices and packages
(S32K388, S32K389, S32K358, S32K356, S32K348, S32K338, S32K328, S32K344, S32K324, S32K314, S32K342,
S32K341, S32K322).
The VDD_DCDC supply voltage is only present in certain devices and packages (S32K358, S32K356, S32K348, S32K338,
S32K328, S32K388 and S32K389).
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
19 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com