Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 98 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 98 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 94Page - NXP Semiconductors S32K310 Datasheet HTML 95Page - NXP Semiconductors S32K310 Datasheet HTML 96Page - NXP Semiconductors S32K310 Datasheet HTML 97Page - NXP Semiconductors S32K310 Datasheet HTML 98Page - NXP Semiconductors S32K310 Datasheet HTML 99Page - NXP Semiconductors S32K310 Datasheet HTML 100Page - NXP Semiconductors S32K310 Datasheet HTML 101Page - NXP Semiconductors S32K310 Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 164 page
background image
Table 47. LPSPI...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tHI
Data hold
time(inputs)
0
—
—
ns
Controller_10Mbps
7
tHI
Data hold
time(inputs) [4]
3
—
—
ns
Controller Loopback
7
tA
MISO valid time after
SS assertion
—
—
50
ns
Peripheral
8
tDIS
Peripheral MISO
(SOUT) disable time
—
—
50
ns
Peripheral
9
tV
Data valid (after
SPSCK edge) [10]
—
—
26
ns
Peripheral
10
tV
Data valid (after
SPSCK edge) [10]
—
—
14
ns
Controller
10
tV
Data valid (after
SPSCK edge) [10]
—
—
36
ns
Peripheral_10Mbps
10
tV
Data valid (after
SPSCK edge) [10]
—
—
21
ns
Controller_10Mbps, for
all S32K3xx variants
except S32K3x8
10
tV
Data valid (after
SPSCK edge) [10]
—
—
24
ns
Controller_10Mbps, for
S32K3x8
10
tV
Data valid (after
SPSCK edge) [4][10]
—
—
8
ns
Controller Loopback,
applies to S32K388
LPSPI2 and LPSPI5
@20MHz
10
tV
Data valid (after
SPSCK edge) [4][10]
—
—
8
ns
Controller Loopback,
applies to S32K389
LPSPI1, LPSPI2,
LPSPI3, LPSPI4 and
LPSPI5 @20MHz
10
tV
Data valid (after
SPSCK edge) [4][10]
—
—
17.5
ns
Controller Loopback,
applies to all devices
LPSPI0 @20 MHz
10
tHO
Data hold time
(outputs) [10]
3
—
—
ns
Peripheral
11
tHO
Data hold time
(outputs) [10]
-8
—
—
ns
Controller
11
tHO
Data hold time
(outputs) [10]
3
—
—
ns
Peripheral_10Mbps
11
tHO
Data hold time
(outputs) [10]
-15
—
—
ns
Controller_10Mbps, for
all S32K3xx variants
except S32K3x8
11
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
98 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com