Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 99 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 99 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 95Page - NXP Semiconductors S32K310 Datasheet HTML 96Page - NXP Semiconductors S32K310 Datasheet HTML 97Page - NXP Semiconductors S32K310 Datasheet HTML 98Page - NXP Semiconductors S32K310 Datasheet HTML 99Page - NXP Semiconductors S32K310 Datasheet HTML 100Page - NXP Semiconductors S32K310 Datasheet HTML 101Page - NXP Semiconductors S32K310 Datasheet HTML 102Page - NXP Semiconductors S32K310 Datasheet HTML 103Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 164 page
background image
Table 47. LPSPI...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tHO
Data hold time
(outputs) [10]
-18
—
—
ns
Controller_10Mbps, for
S32K3x8
11
tHO
Data hold time
(outputs) [4][10]
-4.5
—
—
ns
Controller Looopback,
applies to S32K389
LPSPI1, LPSPI2,
LPSPI3, LPSPI4 and
LPSPI5 @20MHz
11
tHO
Data hold time
(outputs) [4][10]
-4.5
—
—
ns
Controller Looopback,
applies to S32K388
LPSPI2 and LPSPI5
@20MHz
11
tHO
Data hold time
(outputs) [4][10]
-2
—
—
ns
Controller Loopback,
applies to all devices
LPSPI0 @20 MHz
11
tRI/FI
Rise/Fall time
input [11]
—
—
1
ns
Peripheral
—
tRI/FI
Rise/Fall time
input [11]
—
—
1
ns
Controller
—
tRI/FI
Rise/Fall time
input [4][11]
—
—
1
ns
Controller Loopback
—
[1] fperiph = LPSPI peripheral clock
[2] tperiph = 1/fperiph
[3] For LPSPI0 instance, max. peripheral frequency is equal to AIPS_PLAT_CLK.
[4] Controller Loopback mode: In this mode LPSPI_SCK clock is delayed for sampling the input data which is enabled by setting LPSPI_CFGR1[SAMPLE] bit as
1.
[5] These specifications apply to the SPI operation, as Controller or Peripheral, at up to 10 Mbps for the combinations not indicated in the table below. Unless
otherwise noted, all other ‘Controller’ and ‘Peripheral’ specifications are also applicable in the 10Mbps configurations. See table "LPSPI 20 MHz and 15 MHz
Combinations.
[6] LPSPI0 support up to 20MHz on fast pin.
[7] Minimum configuration value for CCR[PCSSCK] field is 3(0x00000011).
[8] Minimum configuration value for CCR[SCKPCS] field is 3(0x00000011).
[9] While selecting odd dividers, ensure Duty Cycle is meeting this parameter.
[10] Output rise/fall time is determined by the output load and GPIO pad drive strength setting. See the GPIO specifications for detail.
[11] The input rise/fall time specification applies to both clock and data, and is required to guarantee related timing parameters.
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
99 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com