Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 77 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 73Page - NXP Semiconductors S32K310 Datasheet HTML 74Page - NXP Semiconductors S32K310 Datasheet HTML 75Page - NXP Semiconductors S32K310 Datasheet HTML 76Page - NXP Semiconductors S32K310 Datasheet HTML 77Page - NXP Semiconductors S32K310 Datasheet HTML 78Page - NXP Semiconductors S32K310 Datasheet HTML 79Page - NXP Semiconductors S32K310 Datasheet HTML 80Page - NXP Semiconductors S32K310 Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 164 page
background image
RDSON
RPCB = RDSON
PCB
External
device
MCUsee note 1
RDSON
5 in.
(4 layer FR4)
CPCB = ~3.3 pF/inch * 5 inch
CL = 8 pF
1. See IBIS models for further details.
Notes:
Figure 36. Reference Load Diagram
7.4 3.3V (2.97V - 3.63V) GPIO Output AC Specification
Table 30. 3.3V (2.97V - 3.63V) GPIO Output AC Specification
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
TR_TF_33_S
3.3V Standard GPIO
rise/fall time [1][2][3]
5
—
28
ns
CL (max) = 25pF
—
TR_TF_33_S
3.3V Standard GPIO
rise/fall time [1][2][3]
9.5
—
43
ns
CL (max) = 50pF
—
TR_TF_33_SP
3.3V Standard Plus
GPIO rise/fall time [1]
[2][3]
4
—
17.5
ns
DSE=0 CL (max) =
25pF
—
TR_TF_33_SP
3.3V Standard Plus
GPIO rise/fall time [1]
[2][3]
1.9
—
10
ns
DSE=1 CL (max) =
25pF
—
TR_TF_33_SP
3.3V Standard Plus
GPIO rise/fall time [1]
[2][3][4]
7.5
—
27
ns
DSE=0 CL (max) =
50pF
—
TR_TF_33_SP
3.3V Standard Plus
GPIO rise/fall time [1]
[2][3][4]
3.5
—
15
ns
DSE=1 CL (max) =
50pF
—
TR_TF_33_M
3.3V Medium GPIO
rise/fall time [1][2][3]
2.2
—
12.3
ns
DSE=0, SRE=0 CL
(max) = 25pF
—
TR_TF_33_M
3.3V Medium GPIO
rise/fall time [1][2][3]
3.0
—
14
ns
DSE=0, SRE=1 CL
(max) = 25pF
—
TR_TF_33_M
3.3V Medium
GPIO rise/fall time [1]
[2][3]
0.8
—
6.6
ns
DSE=1, SRE=0 CL
(max) = 25pF
—
TR_TF_33_M
3.3V Medium GPIO
rise/fall time [1][2][3]
2.4
—
10.5
ns
DSE=1, SRE=1 CL
(max) = 25pF
—
TR_TF_33_M
3.3V Medium GPIO
rise/fall time [1][2][3][4]
4.5
—
17.3
ns
DSE=0, SRE=0 CL
(max) = 50pF
—
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
77 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com