Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 103 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 103 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 99Page - NXP Semiconductors S32K310 Datasheet HTML 100Page - NXP Semiconductors S32K310 Datasheet HTML 101Page - NXP Semiconductors S32K310 Datasheet HTML 102Page - NXP Semiconductors S32K310 Datasheet HTML 103Page - NXP Semiconductors S32K310 Datasheet HTML 104Page - NXP Semiconductors S32K310 Datasheet HTML 105Page - NXP Semiconductors S32K310 Datasheet HTML 106Page - NXP Semiconductors S32K310 Datasheet HTML 107Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 164 page
background image
12.4 Communication between two S32K38x devices
S32K38x devices supports fast data sending between two of them. Interface uses is four data lines at frequency of 6.6MHz in one
direction and four data lines at frequency of 6.6MHz in opposite direction. Configuration of LPSPI interface is 4x data lines half
duplex mode. For purpose of this communication LPSPI2, LPSPI5 and set of PINs was designed. Below figure shows diagram
of connection between two S32K38x devices. Left device will use LPSPI2 in Conroller 4x data line half duplex mode to send
data to LPSPI2 in Peripheral 4x dataline half duplex mode on second device. Similarly LPSPI5, but for in opposite direction than
LPSPI2 do.
PCS
SCK
D0
D1
D2
D3
PCS
SCK
D0
D1
D2
D3
Figure 50. Connection between two S32K38x devices
Table 52. Pins and signals assignment for this communication.
K38x Left
K38x Right
LPSPI instance Signal
type
PIN
LPSPI signal
LPSPI instance Signal
type
PIN
LPSPI signal
PCS
PTF7
LPSPI2_PCS0
PCS
PTF7
LPSPI2_PCS0
SCK
PTA11
LPSPI2_SCK
SCK
PTA11
LPSPI2_SCK
D0
PTF4
LPSPI2_SOUT
D0
PTF4
LPSPI2_SOUT
D1
PTE24
LPSPI2_SIN
D1
PTE24
LPSPI2_SIN
D2
PTH0
LPSPI2_PCS2
D2
PTH0
LPSPI2_PCS2
D3
PTH1
LPSPI2_PCS3
D3
PTH1
LPSPI2_PCS3
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
103 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com