Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 104 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 104 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 100Page - NXP Semiconductors S32K310 Datasheet HTML 101Page - NXP Semiconductors S32K310 Datasheet HTML 102Page - NXP Semiconductors S32K310 Datasheet HTML 103Page - NXP Semiconductors S32K310 Datasheet HTML 104Page - NXP Semiconductors S32K310 Datasheet HTML 105Page - NXP Semiconductors S32K310 Datasheet HTML 106Page - NXP Semiconductors S32K310 Datasheet HTML 107Page - NXP Semiconductors S32K310 Datasheet HTML 108Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 164 page
background image
Table 52. Pins and signals assignment for this communication....continued
PCS
PTG23
LPSPI5_PCS0
PCS
PTG28
LPSPI5_PCS0
SCK
PTD31
LPSPI5_SCK
SCK
PTG31
LPSPI5_SCK
D0
PTG25
LPSPI5_SOUT
D0
PTG30
LPSPI5_SOUT
D1
PTD28
LPSPI5_SIN
D1
PTG29
LPSPI5_SIN
D2
PTG24
LPSPI5_PCS2
D2
PTG13
LPSPI5_PCS2
D3
PTD30
LPSPI5_PCS3
D3
PTG8
LPSPI5_PCS3
12.4.1 Timing specification for S32K38x to S32K38x communication
Below table lists the timing parameters for this communication. This parameters is valid only on set of pins preselected for this
device to device communication. All timing is shown with respect to 50% VDD_HV_A/B thresholds. All measurements are with
maximum output load of 50 pF, input transition of 1 ns and pad configured with fastest slew setting (DSE = 1'b1).
Table 53. Timing specification for S32K38x to S32K38x communication
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fcom
Communication
frequency
—
—
6.6
MHz
—
—
tWSPCK
Clock (SPSCK) high
or low time (SPSCK
duty cycle)
69
—
79
ns
—
—
tSU
Data setup time
34
—
—
ns
Controller mode
6
tSU
Data setup time
5
—
—
ns
Peripheral mode
6
tV
Data valid (after
SPSCK edge)
—
—
21
ns
Controller mode
10
tV
Data valid (after
SPSCK edge)
—
—
34
ns
Peripheral mode
10
tHO
Input hold time
0
—
—
ns
Controller mode input
7
tHO
Input hold time
4
—
—
ns
Peripheral mode input
7
tHO
Output hold time
3
—
—
ns
Peripheral mode output 11
tHO
Output hold time
-15
—
—
ns
Controller mode output 11
tLEAD
Enable lead time
(PCS to SPSCK
delay)
30
—
—
ns
Controller mode
3
tA
Peripheral access
time
—
—
50
ns
—
—
tDIS
Peripheral MISO
(SOUT) disable time
—
—
50
ns
—
—
tLAG
Enable lag time
(After SPSCK delay)
30
—
—
ns
—
—
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
104 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com