Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 108 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 108 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 104Page - NXP Semiconductors S32K310 Datasheet HTML 105Page - NXP Semiconductors S32K310 Datasheet HTML 106Page - NXP Semiconductors S32K310 Datasheet HTML 107Page - NXP Semiconductors S32K310 Datasheet HTML 108Page - NXP Semiconductors S32K310 Datasheet HTML 109Page - NXP Semiconductors S32K310 Datasheet HTML 110Page - NXP Semiconductors S32K310 Datasheet HTML 111Page - NXP Semiconductors S32K310 Datasheet HTML 112Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 164 page
background image
SAI_TXD
SAI_RXD
SAI_FS (output)
SAI_BCLK (output)
S6
S7
S11
S4
S3
S1
S4
S9
S8
S8
S7
S5
SAI_MCLK (input)
SAI_FS (input)
S10
S12
S2
S2
Figure 52. SAI controller mode
12.8 Ethernet characteristics
12.8.1 Ethernet MII (10/100 Mbps)
The following timing specs are defined at the device I/O pin and must be translated appropriately to arrive at timing specs/
constraints for the physical interface. Measurements are with maximum output load of 25pF, input transition of 1ns and pad
configured with DSE = 1'b1 and SRE = 1'b0. I/O operating voltage ranges from 2.97 V to 3.63 V.
Valid pin combinations to be referred from K3xx*_Use sheet in IOmux.
Table 56. Ethernet MII (10/100 Mbps)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
—
RXCLK frequency
—
2.5/25
—
MHz
10/100 Mbps
—
MII1
RXCLK pulse width
high
35
—
65
%RXCLK
period
—
—
MII2
RXCLK pulse width
low
35
—
65
%RXCLK
period
—
—
MII3
RXD[3:0], RXDV,
RXER to RXCLK
setup
5
—
—
ns
10/100 Mbps
—
MII4
RXCLK to RXD[3:0],
RXDV, RXER hold
5
—
—
ns
10/100 Mbps
—
tCYC_TX
TXCLK frequency
—
2.5 / 25
—
MHz
10/100 Mbps
—
MII5
TXCLK pulse width
high
35
—
65
%TXCLK
period
—
—
MII6
TXCLK pulse
width low
35
—
65
%TXCLK
period
—
—
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
108 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com