Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 106 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 106 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 102Page - NXP Semiconductors S32K310 Datasheet HTML 103Page - NXP Semiconductors S32K310 Datasheet HTML 104Page - NXP Semiconductors S32K310 Datasheet HTML 105Page - NXP Semiconductors S32K310 Datasheet HTML 106Page - NXP Semiconductors S32K310 Datasheet HTML 107Page - NXP Semiconductors S32K310 Datasheet HTML 108Page - NXP Semiconductors S32K310 Datasheet HTML 109Page - NXP Semiconductors S32K310 Datasheet HTML 110Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 164 page
background image
Table 54. SAI Electrical Characteristics, Target Mode...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
S21
SAI_BCLK to
SAI_FS output valid
—
—
28
ns
—
—
S22
SAI_BCLK to
SAI_FS output
invalid
0
—
—
ns
—
—
[1] The target mode parameters (S15 - S22) assume 50% duty cycle on SAI_BCLK input. Any change in SAI_BCLK duty cycle input must be taken care during
the board design or by the controller timing.
SAI_TXD
SAI_RXD
SAI_FS (output)
SAI_BCLK (input)
S16
S17
S21
S14
S13
S14
S19
S18
S18
S17
S15
SAI_FS (input)
S20
S22
Figure 51. SAI slave mode
12.7.2 SAI Electrical Characteristics, Controller Mode
The following table describes the SAI electrical characteristics. Measurements are with maximum output load of 30pF,
input transition of 1ns and pad configured with DSE = 1'b1 and SRE = 1'b 0. I/O operating voltage ranges from 2.97 V to 3.63 V.
Valid pin combinations to be referred from K3xx*_Use sheet in IOmux.
Table 55. SAI Electrical Characteristics, Controller Mode
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
S1
SAI_MCLK cycle
time
40
—
—
ns
—
—
S2
SAI_MCLK pulse
width high/low
45
—
55
%
—
—
S3
SAI_BCLK cycle
time
80
—
—
ns
—
—
S4
SAI_BCLK pulse
width high/low
45
—
55
%
—
—
S5
SAI_RXD input
setup before
SAI_BCLK
28
—
—
ns
Applies to all S32K3xx
except S32K389
—
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
106 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com