Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 164 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 164 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 160Page - SMSC Corporation LAN9313 Datasheet HTML 161Page - SMSC Corporation LAN9313 Datasheet HTML 162Page - SMSC Corporation LAN9313 Datasheet HTML 163Page - SMSC Corporation LAN9313 Datasheet HTML 164Page - SMSC Corporation LAN9313 Datasheet HTML 165Page - SMSC Corporation LAN9313 Datasheet HTML 166Page - SMSC Corporation LAN9313 Datasheet HTML 167Page - SMSC Corporation LAN9313 Datasheet HTML 168Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
164
SMSC LAN9313/LAN9313i
DATASHEET
13.1.4
IEEE 1588
This section details the IEEE 1588 timestamp related registers. Each port of the LAN9313/LAN9313i
has a 1588 timestamp block with 8 related registers, 4 for transmit capture and 4 for receive capture.
These sets of registers are identical in functionality for each port, and thus their register descriptions
have been consolidated. In these cases, the register names will be amended with a lowercase “x” in
place of the port designation. The wildcard “x” should be replaced with “1”, “2”, or “MII” for the Port 1,
Port 2, and Port 0(External MII) respectively. A list of all the 1588 related registers can be seen in
Table 13.1. For more information on the IEEE 1588, refer to Chapter 10, "IEEE 1588 Hardware Time
Stamp Unit," on page 134.
13.1.4.1
Port x 1588 Clock High-DWORD Receive Capture Register (1588_CLOCK_HI_RX_CAPTURE_x)
Note:
The selection between Sync or Delay_Req packets is based on the corresponding
master/slave bit in the 1588 Configuration Register (1588_CONFIG).
Note:
There are multiple instantiations of this register, one for each port of the LAN9313/LAN9313i.
Refer to Section 13.1.4 for additional information.
Note:
For Port 0(External MII), receive is defined as data from the switch fabric, while transmit is to
the switch fabric.
Offset:
Port 1: 100h
Size:
32 bits
Port 2: 120h
Port 0: 140h
BITS
DESCRIPTION
TYPE
DEFAULT
31:0
Timestamp High (TS_HI)
This field contains the high 32-bits of the timestamp taken on the receipt of
a 1588 Sync or Delay_Req packet.
RO
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com