Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 162 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 162 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 158Page - SMSC Corporation LAN9313 Datasheet HTML 159Page - SMSC Corporation LAN9313 Datasheet HTML 160Page - SMSC Corporation LAN9313 Datasheet HTML 161Page - SMSC Corporation LAN9313 Datasheet HTML 162Page - SMSC Corporation LAN9313 Datasheet HTML 163Page - SMSC Corporation LAN9313 Datasheet HTML 164Page - SMSC Corporation LAN9313 Datasheet HTML 165Page - SMSC Corporation LAN9313 Datasheet HTML 166Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
162
SMSC LAN9313/LAN9313i
DATASHEET
18
EEPROM Loader Address Overflow (LOADER_OVERFLOW)
This bit indicates that the EEPROM Loader tried to read past the end of the
EEPROM address space. This indicates misconfigured EEPROM data.
This bit is cleared when the EEPROM Loader is restarted with a RELOAD
command, or a Digital Reset(DIGITAL_RST).
RO
0b
17
EEPROM Controller Timeout (EPC_TIMEOUT)
This bit is set when a timeout occurs, indicating the last operation was
unsuccessful. If an EEPROM ERASE, ERAL, WRITE or WRAL operation is
performed and no response is received from the EEPROM within 30mS, the
EEPROM controller will timeout and return to its idle state.
For the I2C mode, the bit is also set if the EEPROM fails to respond with
the appropriate ACKs, if the EEPROM slave device holds the clock low for
more than 30ms, or if an unsupported EPC_COMMAND is attempted.
This bit is cleared when written high.
Note:
When in Microwire mode, if an EEPROM device is not connected,
an internal pull-down on the EEDI pin will keep the EEDI signal low
and allow timeouts to occur. If EEDI is pulled high externally, EPC
commands will not time out if an EEPROM device is not connected.
In this case the EPC_BUSY bit will be cleared as soon as the
command sequence is complete. It should also be noted that the
ERASE, ERAL, WRITE and WRAL commands are the only EPC
commands that will timeout if an EEPROM device is not present
AND
the EEDI signal is pulled low.
R/WC
0b
16
Configuration Loaded (CFG_LOADED)
When set, this bit indicates that a valid EEPROM was found and the
EEPROM Loader completed normally. This bit is set upon a successful load.
It is cleared on power-up, pin and DIGITAL_RST resets, or at the start of a
RELOAD.
This bit is cleared when written high.
RO
0b
15:0
EEPROM Controller Address (EPC_ADDRESS)
This field is used by the EEPROM Controller to address a specific memory
location in the serial EEPROM. This address must be byte aligned.
R/W
0000h
BITS
DESCRIPTION
TYPE
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com