Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 161 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 161 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 157Page - SMSC Corporation LAN9313 Datasheet HTML 158Page - SMSC Corporation LAN9313 Datasheet HTML 159Page - SMSC Corporation LAN9313 Datasheet HTML 160Page - SMSC Corporation LAN9313 Datasheet HTML 161Page - SMSC Corporation LAN9313 Datasheet HTML 162Page - SMSC Corporation LAN9313 Datasheet HTML 163Page - SMSC Corporation LAN9313 Datasheet HTML 164Page - SMSC Corporation LAN9313 Datasheet HTML 165Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
161
Revision 1.2 (04-08-08)
DATASHEET
30:28
EEPROM Controller Command (EPC_COMMAND)
This field is used to issue commands to the EEPROM controller. The
EEPROM controller will execute a command when the EPC_BUSY bit is set.
A new command must not be issued until the previous command completes.
The field is encoded as follows:
Note:
Only the READ, WRITE and RELOAD commands are valid for I2C mode.
If an unsupported command is attempted, the EPC_BUSY bit will be
cleared and EPC_TIMEOUT will be set.
The EEPROM operations are defined as follows:
READ (Read Location)
This command will cause a read of the EEPROM location pointed to by the
EPC_ADDRESS bit field. The result of the read is available in the EEPROM Data
Register (E2P_DATA).
EWDS (Erase/Write Disable)
(Microwire mode only) - When this command is issued, the EEPROM will ignore erase
and write commands. To re-enable erase/writes operations, issue the EWEN
command.
EWEN (Erase/Write Enable)
(Microwire mode only) - Enables the EEPROM for erase and write operations. The
EEPROM will allow erase and write operations until the EWDS command is sent, or
until the power is cycled. The Microwire EEPROM device will power-up in the
erase/write disabled state. Any erase or write operations will fail until an EWEN
command is issued.
WRITE (Write Location)
If erase/write operations are enabled in the EEPROM, this command will cause the
contents of the EEPROM Data Register (E2P_DATA) to be written to the EEPROM
location selected by the EPC_ADDRESS field. For Microwire, erase/write operations
must be enabled in the EEPROM.
WRAL (Write All)
(Microwire mode only) - If erase/write operations are enabled in the EEPROM, this
command will cause the contents of the EEPROM Data Register (E2P_DATA) to be
written to every EEPROM memory location.
ERASE (Erase Location)
(Microwire mode only) - If erase/write operations are enabled in the EEPROM, this
command will erase the location selected by the EPC_ADDRESS field.
ERAL (Erase All)
(Microwire mode only) - If erase/write operations are enabled in the EEPROM, this
command will initiate a bulk erase of the entire EEPROM.
RELOAD (EEPROM Loader Reload)
Instructs the EEPROM Loader to reload the device from the EEPROM. If a value of
A5h is not found in the first address of the EEPROM, the EEPROM is assumed to be
un-programmed and the RELOAD operation will fail. The CFG_LOADED bit indicates
a successful load. Following this command, the device will enter the not ready state.
The READY bit in the Hardware Configuration Register (HW_CFG) should be polled
to determine then the RELOAD is complete.
R/W
000b
27:19
RESERVED
RO
-
BITS
DESCRIPTION
TYPE
DEFAULT
[30]
[29]
[28]
Operation
000
READ
001
EWDS
0
1
0
EWEN
011
WRITE
100
WRAL
1
0
1
ERASE
1
1
0
ERAL
111
RELOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com