Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 159 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 159 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 155Page - SMSC Corporation LAN9313 Datasheet HTML 156Page - SMSC Corporation LAN9313 Datasheet HTML 157Page - SMSC Corporation LAN9313 Datasheet HTML 158Page - SMSC Corporation LAN9313 Datasheet HTML 159Page - SMSC Corporation LAN9313 Datasheet HTML 160Page - SMSC Corporation LAN9313 Datasheet HTML 161Page - SMSC Corporation LAN9313 Datasheet HTML 162Page - SMSC Corporation LAN9313 Datasheet HTML 163Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
159
Revision 1.2 (04-08-08)
DATASHEET
13.1.2.4
LED Configuration Register (LED_CFG)
This read/write register configures the GPIO[7:0] pins as LED[7:0] pins and sets their functionality.
Note 13.2
The default value of this field is determined by the configuration strap LED_fun_strap[1:0].
Configuration strap values are latched on power-on reset or nRST de-assertion. Some
configuration straps can be overridden by values from the EEPROM Loader. Refer to
Section 4.2.4, "Configuration Straps," on page 45 for more information.
Note 13.3
The default value of this field is determined by the configuration strap LED_en_strap[7:0].
Configuration strap values are latched on power-on reset or nRST de-assertion. Some
configuration straps can be overridden by values from the EEPROM Loader. Refer to
Section 4.2.4, "Configuration Straps," on page 45 for more information.
Offset:
1BCh
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:10
RESERVED
RO
-
9:8
LED Function 1-0 (LED_FUN[1:0])
These bits control the function associated with each LED pin as shown in
Table 12.1 of Section 12.3, "LED Operation," on page 144.
Note:
In order for these assignments to be valid, the particular pin must
be enabled as an LED output pin via the LED_EN[7:0] bits of this
register.
R/W
Note 13.2
7:0
LED Enable 7-0 (LED_EN[7:0])
This field toggles the functionality of the GPIO[7:0] pins between GPIO and
LED.
0: Enables the associated pin as a GPIO signal
1: Enables the associated pin as a LED output
R/W
Note 13.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com