Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 155 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 155 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 151Page - SMSC Corporation LAN9313 Datasheet HTML 152Page - SMSC Corporation LAN9313 Datasheet HTML 153Page - SMSC Corporation LAN9313 Datasheet HTML 154Page - SMSC Corporation LAN9313 Datasheet HTML 155Page - SMSC Corporation LAN9313 Datasheet HTML 156Page - SMSC Corporation LAN9313 Datasheet HTML 157Page - SMSC Corporation LAN9313 Datasheet HTML 158Page - SMSC Corporation LAN9313 Datasheet HTML 159Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
155
Revision 1.2 (04-08-08)
DATASHEET
13.1.2
GPIO/LED
This section details the General Purpose I/O (GPIO) and LED related System CSR’s.
13.1.2.1
General Purpose I/O Configuration Register (GPIO_CFG)
This read/write register configures the GPIO input and output pins. The polarity of the 12 GPIO pins
is configured here as well as the IEEE 1588 timestamping and clock compare event output properties
of the GPIO[9:8] pins.
Offset:
1E0h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:30
RESERVED
RO
-
29:28
GPIO 1588 Timer Interrupt Clear Enable 9-8
(GPIO_1588_TIMER_INT_CLEAR_EN[9:8])
These bits enable inputs on GPIO9 and GPIO8 to clear the
1588_TIMER_INT bit of the 1588 Interrupt Status and Enable Register
(1588_INT_STS_EN). The polarity of these inputs is determined by
GPIO_INT_POL[9:8].
Note:
The GPIO must be configured as an input for this function to
operate. For the clear function, GPIO inputs are edge sensitive and
must be active for greater than 40 nS to be recognized.
R/W
00b
27:16
GPIO Interrupt Polarity 11-0 (GPIO_INT_POL[11:0])
These bits set the interrupt polarity of the 12 GPIO pins. The configured
level (high/low) will set the corresponding GPIO_INT bit in the General
Purpose I/O Interrupt Status and Enable Register (GPIO_INT_STS_EN).
0: Sets low logic level trigger on corresponding GPIO pin
1: Sets high logic level trigger on corresponding GPIO pin
GPIO_INT_POL[9:8] also determines the polarity of the GPIO IEEE 1588
time clock capture events and the GPIO 1588 Timer Interrupt Clear inputs.
Refer to Section 12.2, "GPIO Operation," on page 142 for additional
information.
R/W
0h
15:14
1588 GPIO Output Enable 9-8 (1588_GPIO_OE[9:8])
These bits configure GPIO 9 and GPIO 8 to output 1588 clock compare
events.
0: Disables the output of 1588 clock compare events
1: Enables the output of 1588 clock compare events
Note:
These bits override the direction bits in the General Purpose I/O
Data & Direction Register (GPIO_DATA_DIR) register. However,
the GPIO buffer type (GPIOBUF[11:0]) in the General Purpose I/O
Configuration Register (GPIO_CFG) is not overridden.
R/W
0h
13
GPIO 9 Clock Event Polarity (GPIO_EVENT_POL_9)
This bit determines if the 1588 clock event output on GPIO 9 is active high
or low.
0: 1588 clock event output active low
1: 1588 clock event output active high
R/W
1b
12
GPIO 8 Clock Event Polarity (GPIO_EVENT_POL_8)
This bit determines if the 1588 clock event output on GPIO 8 is active high
or low.
0: 1588 clock event output active low
1: 1588 clock event output active high
R/W
1b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com