Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 151 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 151 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 147Page - SMSC Corporation LAN9313 Datasheet HTML 148Page - SMSC Corporation LAN9313 Datasheet HTML 149Page - SMSC Corporation LAN9313 Datasheet HTML 150Page - SMSC Corporation LAN9313 Datasheet HTML 151Page - SMSC Corporation LAN9313 Datasheet HTML 152Page - SMSC Corporation LAN9313 Datasheet HTML 153Page - SMSC Corporation LAN9313 Datasheet HTML 154Page - SMSC Corporation LAN9313 Datasheet HTML 155Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
151
Revision 1.2 (04-08-08)
DATASHEET
13.1.1
Interrupts
This section details the interrupt related System CSR’s. These registers control, configure, and monitor
the IRQ interrupt output pin and the various LAN9313/LAN9313i interrupt sources. For more
information on the LAN9313/LAN9313i interrupts, refer to Chapter 5, "System Interrupts," on page 52.
13.1.1.1
Interrupt Configuration Register (IRQ_CFG)
This read/write register configures and indicates the state of the IRQ signal.
Offset:
054h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:24
Interrupt De-assertion Interval (INT_DEAS)
This field determines the Interrupt Request De-assertion Interval in multiples
of 10 microseconds.
Setting this field to zero causes the device to disable the INT_DEAS Interval,
reset the interval counter and issue any pending interrupts. If a new, non-
zero value is written to this field, any subsequent interrupts will obey the new
setting.
R/W
00h
23:15
RESERVED
RO
-
14
Interrupt De-assertion Interval Clear (INT_DEAS_CLR)
Writing a 1 to this register clears the de-assertion counter in the Interrupt
Controller, thus causing a new de-assertion interval to begin (regardless of
whether or not the Interrupt Controller is currently in an active de-assertion
interval).
0: Normal operation
1: Clear de-assertion counter
R/W
SC
0h
13
Interrupt De-assertion Status (INT_DEAS_STS)
When set, this bit indicates that interrupts are currently in a de-assertion
interval, and will not be sent to the IRQ pin. When this bit is clear, interrupts
are not currently in a de-assertion interval, and will be sent to the IRQ pin.
0: No interrupts in de-assertion interval
1: Interrupts in de-assertion interval
RO
SC
0b
12
Master Interrupt (IRQ_INT)
This read-only bit indicates the state of the internal IRQ line, regardless of
the setting of the IRQ_EN bit, or the state of the interrupt de-assertion
function. When this bit is set, one of the enabled interrupts is currently
active.
0: No enabled interrupts active
1: One or more enabled interrupts active
RO
0b
11:9
RESERVED
RO
-
8
IRQ Enable (IRQ_EN)
This bit controls the final interrupt output to the IRQ pin. When clear, the IRQ
output is disabled and permanently de-asserted. This bit has no effect on
any internal interrupt status bits.
0: Disable output on IRQ pin
1: Enable output on IRQ pin
R/W
0b
7:5
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com