Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 153 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 153 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 149Page - SMSC Corporation LAN9313 Datasheet HTML 150Page - SMSC Corporation LAN9313 Datasheet HTML 151Page - SMSC Corporation LAN9313 Datasheet HTML 152Page - SMSC Corporation LAN9313 Datasheet HTML 153Page - SMSC Corporation LAN9313 Datasheet HTML 154Page - SMSC Corporation LAN9313 Datasheet HTML 155Page - SMSC Corporation LAN9313 Datasheet HTML 156Page - SMSC Corporation LAN9313 Datasheet HTML 157Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
153
Revision 1.2 (04-08-08)
DATASHEET
13.1.1.2
Interrupt Status Register (INT_STS)
This register contains the current status of the generated interrupts. A value of 1 indicates the
corresponding interrupt conditions have been met, while a value of 0 indicates the interrupt conditions
have not been met. The bits of this register reflect the status of the interrupt source regardless of
whether the source has been enabled as an interrupt in the Interrupt Enable Register (INT_EN). Where
indicated as R/WC, writing a 1 to the corresponding bits acknowledges and clears the interrupt.
Offset:
058h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31
Software Interrupt (SW_INT)
This interrupt is generated when the SW_INT_EN bit of the Interrupt Enable
Register (INT_EN) is set high. Writing a one clears this interrupt.
R/WC
0b
30
Device Ready (READY)
This interrupt indicates that the LAN9313/LAN9313i is ready to be
accessed after a power-up or reset condition.
R/WC
0b
29
1588 Interrupt Event (1588_EVNT)
This bit indicates an interrupt event from the IEEE 1588 module. This bit
should be used in conjunction with the 1588 Interrupt Status and Enable
Register (1588_INT_STS_EN) to determine the source of the interrupt
event within the 1588 module.
RO
0b
28
Switch Fabric Interrupt Event (SWITCH_INT)
This bit indicates an interrupt event from the Switch Fabric. This bit should
be used in conjunction with the Switch Global Interrupt Pending Register
(SW_IPR) to determine the source of the interrupt event within the Switch
Fabric.
RO
0b
27
Port 2 PHY Interrupt Event (PHY_INT2)
This bit indicates an interrupt event from the Port 2 PHY. The source of the
interrupt can be determined by polling the Port x PHY Interrupt Source
Flags Register (PHY_INTERRUPT_SOURCE_x).
RO
0b
26
Port 1 PHY Interrupt Event (PHY_INT1)
This bit indicates an interrupt event from the Port 1 PHY. The source of the
interrupt can be determined by polling the Port x PHY Interrupt Source
Flags Register (PHY_INTERRUPT_SOURCE_x).
RO
0b
25:20
RESERVED
RO
-
19
GP Timer (GPT_INT)
This interrupt is issued when the General Purpose Timer Count Register
(GPT_CNT) wraps past zero to FFFFh.
R/WC
0b
18:13
RESERVED
RO
-
12
GPIO Interrupt Event (GPIO)
This bit indicates an interrupt event from the General Purpose I/O. The
source of the interrupt can be determined by polling the General Purpose
I/O Interrupt Status and Enable Register (GPIO_INT_STS_EN)
RO
0b
11:0
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com