Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 157 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 157 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 153Page - SMSC Corporation LAN9313 Datasheet HTML 154Page - SMSC Corporation LAN9313 Datasheet HTML 155Page - SMSC Corporation LAN9313 Datasheet HTML 156Page - SMSC Corporation LAN9313 Datasheet HTML 157Page - SMSC Corporation LAN9313 Datasheet HTML 158Page - SMSC Corporation LAN9313 Datasheet HTML 159Page - SMSC Corporation LAN9313 Datasheet HTML 160Page - SMSC Corporation LAN9313 Datasheet HTML 161Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
157
Revision 1.2 (04-08-08)
DATASHEET
13.1.2.2
General Purpose I/O Data & Direction Register (GPIO_DATA_DIR)
This read/write register configures the direction of the 12 GPIO pins and contains the GPIO input and
output data bits.
Offset:
1E4h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:28
RESERVED
RO
-
27:16
GPIO Direction 11-0 (GPIODIR[11:0])
These bits set the input/output direction of the 12 GPIO pins.
0: GPIO pin is configured as an input
1: GPIO pin is configured as an output
R/W
0h
15:12
RESERVED
RO
-
11:0
GPIO Data 11-0 (GPIOD[11:0])
When a GPIO pin is enabled as an output, the value written to this field is
output on the corresponding GPIO pin. Upon a read, the value returned
depends on the current direction of the pin. If the pin is an input, the data
reflects the current state of the corresponding GPIO pin. If the pin is an
output, the data is the value that was last written into this register. For
GPIOs 11-10 and 7-0, the pin direction is determined by the GPDIR bits of
this register. For GPIOs 9 and 8, the pin direction is determined by the
GPDIR bits and the 1588_GPIO_OE bits in the General Purpose I/O
Configuration Register (GPIO_CFG).
R/W
0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com