Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 154 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 154 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 150Page - SMSC Corporation LAN9313 Datasheet HTML 151Page - SMSC Corporation LAN9313 Datasheet HTML 152Page - SMSC Corporation LAN9313 Datasheet HTML 153Page - SMSC Corporation LAN9313 Datasheet HTML 154Page - SMSC Corporation LAN9313 Datasheet HTML 155Page - SMSC Corporation LAN9313 Datasheet HTML 156Page - SMSC Corporation LAN9313 Datasheet HTML 157Page - SMSC Corporation LAN9313 Datasheet HTML 158Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
154
SMSC LAN9313/LAN9313i
DATASHEET
13.1.1.3
Interrupt Enable Register (INT_EN)
This register contains the interrupt enables for the IRQ output pin. Writing 1 to any of the bits enables
the corresponding interrupt as a source for IRQ. Bits in the Interrupt Status Register (INT_STS) register
will still reflect the status of the interrupt source regardless of whether the source is enabled as an
interrupt in this register (with the exception of SW_INT_EN). For descriptions of each interrupt, refer
to the Interrupt Status Register (INT_STS) bits, which mimic the layout of this register.
Offset:
05Ch
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31
Software Interrupt Enable (SW_INT_EN)
R/W
0b
30
Device Ready Enable (READY_EN)
R/W
0b
29
1588 Interrupt Event Enable (1588_EVNT_EN)
R/W
0b
28
Switch Engine Interrupt Event Enable (SWITCH_INT_EN)
R/W
0b
27
Port 2 PHY Interrupt Event Enable (PHY_INT2_EN)
R/W
0b
26
Port 1 PHY Interrupt Event Enable (PHY_INT1_EN)
R/W
0b
25:20
RESERVED
RO
-
19
GP Timer Interrupt Enable (GPT_INT_EN)
R/W
0b
18:13
RESERVED
RO
-
12
GPIO Interrupt Event Enable (GPIO_EN)
R/W
0b
11:0
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com