Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 148 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 148 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 144Page - SMSC Corporation LAN9313 Datasheet HTML 145Page - SMSC Corporation LAN9313 Datasheet HTML 146Page - SMSC Corporation LAN9313 Datasheet HTML 147Page - SMSC Corporation LAN9313 Datasheet HTML 148Page - SMSC Corporation LAN9313 Datasheet HTML 149Page - SMSC Corporation LAN9313 Datasheet HTML 150Page - SMSC Corporation LAN9313 Datasheet HTML 151Page - SMSC Corporation LAN9313 Datasheet HTML 152Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
148
SMSC LAN9313/LAN9313i
DATASHEET
0ACh - 0FCh
RESERVED
Reserved for Future Use
100h
1588_CLOCK_HI_RX_CAPTURE_1
Port 1 1588 Clock High-DWORD Receive Capture
Register, Section 13.1.4.1
104h
1588_CLOCK_LO_RX_CAPTURE_1
Port 1 1588 Clock Low-DWORD Receive Capture Register,
Section 13.1.4.2
108h
1588_SEQ_ID_SRC_UUID_HI_RX_CAPTURE_1
Port 1 1588 Sequence ID, Source UUID High-WORD
Receive Capture Register, Section 13.1.4.3
10Ch
1588_SRC_UUID_LO_RX_CAPTURE_1
Port 1 1588 Source UUID Low-DWORD Receive Capture
Register, Section 13.1.4.4
110h
1588_CLOCK_HI_TX_CAPTURE_1
Port 1 1588 Clock High-DWORD Transmit Capture
Register, Section 13.1.4.5
114h
1588_CLOCK_LO_TX_CAPTURE_1
Port 1 1588 Clock Low-DWORD Transmit Capture
Register, Section 13.1.4.6
118h
1588_SEQ_ID_SRC_UUID_HI_TX_CAPTURE_1
Port 1 1588 Sequence ID, Source UUID High-WORD
Transmit Capture Register, Section 13.1.4.7
11C
1588_SRC_UUID_LO_TX_CAPTURE_1
Port 1 1588 Source UUID Low-DWORD Transmit Capture
Register, Section 13.1.4.8
120h
1588_CLOCK_HI_RX_CAPTURE_2
Port 2 1588 Clock High-DWORD Receive Capture
Register, Section 13.1.4.1
124h
1588_CLOCK_LO_RX_CAPTURE_2
Port 2 1588 Clock Low-DWORD Receive Capture Register,
Section 13.1.4.2
128h
1588_SEQ_ID_SRC_UUID_HI_RX_CAPTURE_2
Port 2 1588 Sequence ID, Source UUID High-WORD
Receive Capture Register, Section 13.1.4.3
12Ch
1588_SRC_UUID_LO_RX_CAPTURE_2
Port 2 1588 Source UUID Low-DWORD Receive Capture
Register, Section 13.1.4.4
130h
1588_CLOCK_HI_TX_CAPTURE_2
Port 2 1588 Clock High-DWORD Transmit Capture
Register, Section 13.1.4.5
134h
1588_CLOCK_LO_TX_CAPTURE_2
Port 2 1588 Clock Low-DWORD Transmit Capture
Register, Section 13.1.4.6
138h
1588_SEQ_ID_SRC_UUID_HI_TX_CAPTURE_2
Port 2 1588 Sequence ID, Source UUID High-WORD
Transmit Capture Register, Section 13.1.4.7
13Ch
1588_SRC_UUID_LO_TX_CAPTURE_2
Port 2 1588 Source UUID Low-DWORD Transmit Capture
Register, Section 13.1.4.8
140h
1588_CLOCK_HI_RX_CAPTURE_MII
Port 0 1588 Clock High-DWORD Receive Capture
Register, Section 13.1.4.1
144h
1588_CLOCK_LO_RX_CAPTURE_MII
Port 0 1588 Clock Low-DWORD Receive Capture Register,
Section 13.1.4.2
148h
1588_SEQ_ID_SRC_UUID_HI_RX_CAPTURE_MII
Port 0 1588 Sequence ID, Source UUID High-WORD
Receive Capture Register, Section 13.1.4.3
14Ch
1588_SRC_UUID_LO_RX_CAPTURE_MII
Port 0 1588 Source UUID Low-DWORD Receive Capture
Register, Section 13.1.4.4
150h
1588_CLOCK_HI_TX_CAPTURE_MII
Port 0 1588 Clock High-DWORD Transmit Capture
Register, Section 13.1.4.5
154h
1588_CLOCK_LO_TX_CAPTURE_MII
Port 0 1588 Clock Low-DWORD Transmit Capture
Register, Section 13.1.4.6
Table 13.1 System Control and Status Registers (continued)
ADDRESS
OFFSET
SYMBOL
REGISTER NAME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com