Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 146 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 146 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 142Page - SMSC Corporation LAN9313 Datasheet HTML 143Page - SMSC Corporation LAN9313 Datasheet HTML 144Page - SMSC Corporation LAN9313 Datasheet HTML 145Page - SMSC Corporation LAN9313 Datasheet HTML 146Page - SMSC Corporation LAN9313 Datasheet HTML 147Page - SMSC Corporation LAN9313 Datasheet HTML 148Page - SMSC Corporation LAN9313 Datasheet HTML 149Page - SMSC Corporation LAN9313 Datasheet HTML 150Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
146
SMSC LAN9313/LAN9313i
DATASHEET
Chapter 13 Register Descriptions
This section describes the various LAN9313/LAN9313i control and status registers (CSR’s). These
registers are broken into 3 categories. The following sections detail the functionality and accessibility
of all the LAN9313/LAN9313i registers within each category:
Section 13.1, "System Control and Status Registers," on page 147
Section 13.2, "Ethernet PHY Control and Status Registers," on page 231
Section 13.3, "Switch Fabric Control and Status Registers," on page 253
Figure 13.1 contains an overall base register memory map of the LAN9313/LAN9313i. This memory
map is not drawn to scale, and should be used for general reference only.
Note:
Register bit type definitions are provided in Section 1.3, "Register Nomenclature," on page 17.
Note:
Not all LAN9313/LAN9313i registers are memory mapped or directly addressable. For details
on the accessibility of the various LAN9313/LAN9313i registers, refer the register sub-sections
listed above.
Figure 13.1 LAN9313/LAN9313i Base Register Memory Map
Base + 000h
04Ch
100h
RESERVED
2E0h
...
2DCh
3FFh
Switch CSR Direct Data
Registers
200h
...
050h
1588 Registers
Virtual PHY Registers
1C0h
1DCh
19Ch
Switch Interface Registers
1ACh
1B0h
PHY Management Interface
Registers
0A4h
0A8h
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com