Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 142 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 142 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 138Page - SMSC Corporation LAN9313 Datasheet HTML 139Page - SMSC Corporation LAN9313 Datasheet HTML 140Page - SMSC Corporation LAN9313 Datasheet HTML 141Page - SMSC Corporation LAN9313 Datasheet HTML 142Page - SMSC Corporation LAN9313 Datasheet HTML 143Page - SMSC Corporation LAN9313 Datasheet HTML 144Page - SMSC Corporation LAN9313 Datasheet HTML 145Page - SMSC Corporation LAN9313 Datasheet HTML 146Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
142
SMSC LAN9313/LAN9313i
DATASHEET
Chapter 12 GPIO/LED Controller
12.1
Functional Overview
The GPIO/LED Controller provides 12 configurable general purpose input/output pins, GPIO[11:0].
These pins can be individually configured to function as inputs, push-pull outputs, or open drain outputs
and each is capable of interrupt generation with configurable polarity. Two of the GPIO pins (GPIO[9:8])
can be used for IEEE 1588 timestamp functions, allowing GPIO driven 1588 time clock capture when
configured as an input, or GPIO output generation based on an IEEE 1588 clock target compare event.
In addition, 8 of the GPIO pins can be alternatively configured as LED outputs. These pins, GPIO[7:0]
(nP1LED[3:0] and nP2LED[3:0]), may be enabled to drive Ethernet status LEDs for external indication
of various attributes of the switch ports.
GPIO and LED functionality is configured via the GPIO/LED System Control and Status Registers
(CSRs), accessible through the I2C/SPI serial interfaces or the MII/SMI interfaces. These registers are
defined in Section 13.1.2, "GPIO/LED," on page 155.
12.2
GPIO Operation
The GPIO controller is comprised of 12 programmable input/output pins. These pins are individually
configurable via the GPIO CSRs. On application of a chip-level reset:
All GPIOs are set as inputs (GPDIR[11:0] cleared in General Purpose I/O Data & Direction Register
(GPIO_DATA_DIR))
All GPIO interrupts are disabled (GPIO[11:0]_INT_EN cleared in General Purpose I/O Interrupt
Status and Enable Register (GPIO_INT_STS_EN)
All GPIO interrupts are configured to low logic level triggering (GPIO_INT_POL[11:0] cleared in
General Purpose I/O Configuration Register (GPIO_CFG))
Note:
GPIO[7:0] may be configured as LED outputs by default, dependant on the LED_en_stap[7:0]
configuration straps. Refer to Section 12.3, "LED Operation" for additional information.
The direction and buffer type of all 12 GPIOs are configured via the General Purpose I/O Configuration
Register (GPIO_CFG) and General Purpose I/O Data & Direction Register (GPIO_DATA_DIR). The
direction of each GPIO, input or output, should be configured first via its respective GPIO direction bit
(GPDIR[11:0]) in the General Purpose I/O Data & Direction Register (GPIO_DATA_DIR). When
configured as an output, the output buffer type for each GPIO is selected by the GPIOBUF[11:0] bits
in the General Purpose I/O Configuration Register (GPIO_CFG). Push/pull and open-drain output
buffers are supported for each GPIO. When functioning as an open-drain driver, the GPIO output pin
is driven low when the corresponding data register bit (GPIOD in the General Purpose I/O Data &
Direction Register (GPIO_DATA_DIR)) is cleared to 0, and is not driven when set to 1.
When a GPIO is enabled as an output, the value output to the GPIO pin is set via the corresponding
GPIOD[11:0] bit in the General Purpose I/O Data & Direction Register (GPIO_DATA_DIR). For GPIOs
configured as inputs, the corresponding GPIOD[11:0] bit reflects the current state of the GPIO input.
Note:
For GPIO[9:8], the pin direction is a function of both the GPDIR[9:8] bits of the General
Purpose I/O Data & Direction Register (GPIO_DATA_DIR) and the 1588_GPIO_OE[9:8] bits in
the General Purpose I/O Configuration Register (GPIO_CFG).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com