Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 143 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 143 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 139Page - SMSC Corporation LAN9313 Datasheet HTML 140Page - SMSC Corporation LAN9313 Datasheet HTML 141Page - SMSC Corporation LAN9313 Datasheet HTML 142Page - SMSC Corporation LAN9313 Datasheet HTML 143Page - SMSC Corporation LAN9313 Datasheet HTML 144Page - SMSC Corporation LAN9313 Datasheet HTML 145Page - SMSC Corporation LAN9313 Datasheet HTML 146Page - SMSC Corporation LAN9313 Datasheet HTML 147Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
143
Revision 1.2 (04-08-08)
DATASHEET
12.2.1
GPIO IEEE 1588 Timestamping
Two of the GPIO pins, GPIO[9:8], have the option to be used for IEEE 1588 time stamp functions. This
allows a time stamp capture to be triggered when the GPIO is configured as an input, or output a signal
from the GPIO based on an IEEE 1588 clock target compare event when configured as an output.
Refer to Chapter 10, "IEEE 1588 Hardware Time Stamp Unit," on page 134 for additional information
on the IEEE 1588 time stamping functions of the LAN9313/LAN9313i.
12.2.1.1
IEEE 1588 GPIO Inputs
When the GPIO[9:8] pins are configured as inputs, an active edge will capture the IEEE 1588 clock
into the high and low 1588 capture registers (1588_CLOCK_HI_CAPTURE_GPIO_x, and
1588_CLOCK_LO_CAPTURE_GPIO_x where “x” represents the number of the respective 1588
enabled GPIO) and set the corresponding interrupt flags GPIO[9:8]_INT and 1588_GPIO[9:8]_INT in
the General Purpose I/O Interrupt Status and Enable Register (GPIO_INT_STS_EN) and 1588
Interrupt Status and Enable Register (1588_INT_STS_EN) respectively. The GPIO[9:8] inputs can also
be configured to clear the Clock Target interrupt (1588_TIMER_INT) in the 1588 Interrupt Status and
Enable
Register
(1588_INT_STS_EN)
by
set t ing
t he
corresponding
GPIO_1588_TIMER_INT_CLEAR_EN[9:8] bit in the General Purpose I/O Configuration Register
(GPIO_CFG). GPIO inputs must be active for greater than 40nS to be recognized as capture or
interrupt clear events.
12.2.1.2
IEEE 1588 GPIO Outputs
The GPIO[9:8] pins can be configured as IEEE 1588 enabled outputs by setting the corresponding
1588_GPIO_OE[9:8] bits in the General Purpose I/O Configuration Register (GPIO_CFG). These bits
override the GPDIR[9:8] bits of the General Purpose I/O Data & Direction Register (GPIO_DATA_DIR)
and allow for GPIO output generation based on the IEEE 1588 clock target compare event. Clock
target compare events occur when the value loaded into the 1588 Clock Target High-DWORD Register
(1 588_CLOCK_TARGET_ H I )
and
1588
Clock
Ta rget
Low-DWORD
Regist er
(1588_CLOCK_TARGET_LO) matches the current IEEE 1588 clock value in the 1588 Clock High-
DWORD Register (1588_CLOCK_HI) and 1588 Clock Low-DWORD Register (1588_CLOCK_LO).
Upon detection of a clock target compare event, GPIO[9:8] can be configured to output a 100nS pulse,
toggle its output, or reflect the 1588_TIMER_INT bit in the 1588 Interrupt Status and Enable Register
(1588_INT_STS_EN) by enabling the GPIO_EVENT_9 or GPIO_EVENT_8 bits of the 1588
Configuration Register (1588_CONFIG). The clock event polarity, which determines whether the IEEE
1588 GPIO output is active high or active low, is controlled via the GPIO_EVENT_POL_9 and
GPIO_EVENT_POL_8 bits of the General Purpose I/O Configuration Register (GPIO_CFG).
Note:
The 1588_GPIO_OE[9:8] bits do not override the GPIO buffer type bits GPIOBUF[9:8] in the
General Purpose I/O Configuration Register (GPIO_CFG).
12.2.2
GPIO Interrupts
Each GPIO of the LAN9313/LAN9313i provides the ability to trigger a unique GPIO interrupt in the
General Purpose I/O Interrupt Status and Enable Register (GPIO_INT_STS_EN). Reading the
GPIO_INT[11:0] bits of this register provides the current status of the corresponding interrupt, and each
interrupt is enabled by setting the corresponding GPIO_INT_EN[11:0] bit. The GPIO/LED Controller
aggregates the enabled interrupt values into an internal signal which is sent to the System Interrupt
Controller and is reflected via the Interrupt Status Register (INT_STS) bit 12 (GPIO). For more
information on the LAN9313/LAN9313i interrupts, refer to Chapter 5, "System Interrupts," on page 52.
12.2.2.1
GPIO Interrupt Polarity
The interrupt polarity can be set for each individual GPIO via the GPIO_INT_POL[11:0] bits in the
General Purpose I/O Configuration Register (GPIO_CFG). When set, a high logic level on the GPIO
pin will set the corresponding interrupt bit in the General Purpose I/O Interrupt Status and Enable
Register (GPIO_INT_STS_EN). When cleared, a low logic level on the GPIO pin will set the
corresponding interrupt bit. Because GPIO[9:8] have added IEEE 1588 functionality, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com