Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 147 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 147 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 143Page - SMSC Corporation LAN9313 Datasheet HTML 144Page - SMSC Corporation LAN9313 Datasheet HTML 145Page - SMSC Corporation LAN9313 Datasheet HTML 146Page - SMSC Corporation LAN9313 Datasheet HTML 147Page - SMSC Corporation LAN9313 Datasheet HTML 148Page - SMSC Corporation LAN9313 Datasheet HTML 149Page - SMSC Corporation LAN9313 Datasheet HTML 150Page - SMSC Corporation LAN9313 Datasheet HTML 151Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
147
Revision 1.2 (04-08-08)
DATASHEET
13.1
System Control and Status Registers
The System CSR’s are directly addressable memory mapped registers with a base address offset
range of 050h to 2DCh. These registers are accessed through the I2C/SPI serial interfaces or the
MIIM/SMI serial interface. For more information on the various LAN9313/LAN9313i modes and their
corresponding address configurations, see Section 2.3, "Modes of Operation," on page 23.
Table 13.1 lists the System CSR’s and their corresponding addresses in order. All system CSR’s are
reset to their default value on the assertion of a chip-level reset.
The System CSR’s can be divided into 8 sub-categories. Each of these sub-categories contains the
System CSR descriptions of the associated registers. The register descriptions are categorized as
follows:
Section 13.1.1, "Interrupts," on page 151
Section 13.1.2, "GPIO/LED," on page 155
Section 13.1.3, "EEPROM," on page 160
Section 13.1.4, "IEEE 1588," on page 164
Section 13.1.5, "Switch Fabric," on page 192
Section 13.1.6, "PHY Management Interface (PMI)," on page 207
Section 13.1.7, "Virtual PHY," on page 209
Section 13.1.8, "Miscellaneous," on page 224
Table 13.1 System Control and Status Registers
ADDRESS
OFFSET
SYMBOL
REGISTER NAME
000h - 04Ch
RESERVED
Reserved for Future Use
050h
ID_REV
Chip ID and Revision Register, Section 13.1.8.1
054h
IRQ_CFG
Interrupt Configuration Register, Section 13.1.1.1
058h
INT_STS
Interrupt Status Register, Section 13.1.1.2
05Ch
INT_EN
Interrupt Enable Register, Section 13.1.1.3
060h
RESERVED
Reserved for Future Use
064h
BYTE_TEST
Byte Order Test Register, Section 13.1.8.2
068h - 070h
RESERVED
Reserved for Future Use
074h
HW_CFG
Hardware Configuration Register, Section 13.1.8.3
078h - 088h
RESERVED
Reserved for Future Use
08Ch
GPT_CFG
General Purpose Timer Configuration Register,
Section 13.1.8.4
090h
GPT_CNT
General Purpose Timer Count Register, Section 13.1.8.5
094h - 098h
RESERVED
Reserved for Future Use
09Ch
FREE_RUN
Free Running Counter Register, Section 13.1.8.6
0A0h
RESERVED
Reserved for Future Use
0A4h
PMI_DATA
PHY Management Interface Data Register,
Section 13.1.6.1
0A8h
PMI_ACCESS
PHY Management Interface Access Register,
Section 13.1.6.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com