Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 145 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 145 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 141Page - SMSC Corporation LAN9313 Datasheet HTML 142Page - SMSC Corporation LAN9313 Datasheet HTML 143Page - SMSC Corporation LAN9313 Datasheet HTML 144Page - SMSC Corporation LAN9313 Datasheet HTML 145Page - SMSC Corporation LAN9313 Datasheet HTML 146Page - SMSC Corporation LAN9313 Datasheet HTML 147Page - SMSC Corporation LAN9313 Datasheet HTML 148Page - SMSC Corporation LAN9313 Datasheet HTML 149Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
145
Revision 1.2 (04-08-08)
DATASHEET
The various LED indication functions shown in Table 12.1 are described below:
TX Port 0 -
The signal is pulsed low for 80mS to indicate activity from the switch fabric to the
external MII pins. This signal is then driven high for a minimum of 80mS, after which the process
will repeat if TX activity is again detected.
RX Port 0 -
The signal is pulsed low for 80mS to indicate activity from the external MII pins to the
switch fabric. This signal is then driven high for a minimum of 80mS, after which the process will
repeat if RX activity is again detected.
Link / Activity -
A steady low output indicates that the port has a valid link, while a steady high
indicates no link on the port. The signal is pulsed high for 80mS to indicate transmit or receive
activity on the port. The signal is then driven low for a minimum of 80mS, after which the process
will repeat if RX or TX activity is again detected.
Full-duplex / Collision -
A steady low output indicates the port is in full-duplex mode, while a
steady high indicates no link on the port. In half-duplex mode, the signal is pulsed low for 80mS
to indicate a network collision. The signal is then driven high for a minimum of 80mS, after which
the process will repeat if another collision is detected.
Speed -
A steady low output indicates the selected speed is 100Mbps. A steady high output
indicates the selected speed is 10Mbps. The signal will be held high if the port does not have a
valid link.
100Link / Activity -
A steady low output indicates the port has a valid link and the speed is
100Mbps. The signal is pulsed high for 80mS to indicate TX or RX activity on the port. The signal
is then driven low for a minimum of 80mS, after which the process will repeat if RX or TX activity
is again detected. The signal will be held high if the port does not have a valid link.
10Link / Activity -
A steady low output indicates the port has a valid link and the speed is 10Mbps.
The signal is pulsed high for 80mS to indicate transmit or receive activity on the port. The signal
is then driven low for a minimum of 80mS, after which the process will repeat if RX or TX activity
is again detected. This signal will be held high if the port does not have a valid link.
Activity -
The signal is pulsed low for 80mS to indicate transmit or receive activity. The signal is
then driven high for a minimum of 80mS, after which the process will repeat if RX or TX activity is
again detected. The signal will be held high if the port does not have a valid link.
Link -
A steady low indicates the port has a valid link.
TXEN Port 0 -
Non-stretched TXEN signal from the switch fabric to the external MII pins.
RXDV Port 0 -
Non-stretched RXDV signal from the external MII pins to the switch fabric.
TXEN -
Non-stretched TXEN signal from the switch fabric to the PHY.
RXDV -
Non-stretched RXDV signal from the PHY to the switch fabric.
nP1LED1
(GPIO1)
Full-duplex / Collision
Port 1
Full-duplex / Collision
Port 1
Full-duplex / Collision
Port 1
TXEN
Port 1
nP1LED0
(GPIO0)
Speed
Port 1
10Link / Activity
Port 1
Speed
Port 1
RXDV
Port 1
Table 12.1 LED Operation as a Function of LED_CFG[9:8] (continued)
LED_CFG[9:8] (LED_FUN[1:0])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com