Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 138 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 138 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 134Page - SMSC Corporation LAN9313 Datasheet HTML 135Page - SMSC Corporation LAN9313 Datasheet HTML 136Page - SMSC Corporation LAN9313 Datasheet HTML 137Page - SMSC Corporation LAN9313 Datasheet HTML 138Page - SMSC Corporation LAN9313 Datasheet HTML 139Page - SMSC Corporation LAN9313 Datasheet HTML 140Page - SMSC Corporation LAN9313 Datasheet HTML 141Page - SMSC Corporation LAN9313 Datasheet HTML 142Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
138
SMSC LAN9313/LAN9313i
DATASHEET
10.2.2
PTP Message Detection
In order to provide the most flexibility, loose packet type matching is used by the LAN9313/LAN9313i.
This assumes that for all packets received with a valid FCS, only the MAC destination address is
required to qualify them as a PTP message. For Ethernet, four multicast addresses are specified in
the PTP protocol: 224.0.1.129 through 224.0.1.132. These map to Ethernet MAC addresses
01:00:5e:00:01:81 through 01:00:5e:00:01:84. Each of these addresses has one enable bit per port in
the 1588 Configuration Register (1588_CONFIG) which enables/disables the corresponding address
as a PTP address on the specified port.
In addition to the fixed addresses, a user defined (host programmable) PTP address may be input via
the 1588 Auxiliary MAC Address High-WORD Register (1588_AUX_MAC_HI) and 1588 Auxiliary MAC
Address Low-DWORD Register (1588_AUX_MAC_LO). The user defined address may be
disabled/enabled as a PTP address on each port via the dedicated enable bits in the 1588
Configuration Register (1588_CONFIG). A summary of the supported PTP multicast addresses and
corresponding enable bits can be seen in Table 10.3.
Once a packet is determined to match a PTP destination address, it is further qualified as a Sync or
Delay_Req message type. On Ethernet, PTP uses UDP messages. Within the UDP payload is the PTP
control byte (offset 32 starting at 0). This byte determines the message type: 0x00 for a Sync message,
0x01 for a Delay_Req message. The UDP payload starts at packet byte offset 42 (from 0) for untagged
packets and at byte offset 46 for tagged packets.
Note:
Both tagged and untagged packets are supported. Only Ethernet II packet encoding and IPv4
are supported.
Note:
For proper routing of the PTP packets, the host must program an entry into the switch engine
Address Logic Resolution (ALR) Table. The MAC address should be one of the reserved
Multicast addresses in Table 10.3, with Port 0(External MII) as a destination.The Static and
Valid bits must also be set. Refer to Chapter 6, "Switch Fabric," on page 57 for more
information.
Table 10.3 PTP Multicast Addresses
PTP ADDRESS
CORRESPONDING
MAC ADDRESS
RELATED ENABLE BITS IN THE
1588_CONFIG REGISTER
224.0.1.129
(Primary)
01:00:5e:00:01:81
MAC_PRI_EN_1 (Port 1)
MAC_PRI_EN_2 (Port 2)
MAC_PRI_EN_MII (Port 0)
224.0.1.130
(Alternate 1)
01:00:5e:00:01:82
MAC_ALT1_EN_1 (Port 1)
MAC_ALT1_EN_2 (Port 2)
MAC_ALT1_EN_MII (Port 0)
224.0.1.131
(Alternate 2)
01:00:5e:00:01:83
MAC_ALT2_EN_1 (Port 1)
MAC_ALT2_EN_2 (Port 2)
MAC_ALT2_EN_MII (Port 0)
224.0.1.132
(Alternate 3)
01:00:5e:00:01:84
MAC_ALT3_EN_1 (Port 1)
MAC_ALT3_EN_2 (Port 2)
MAC_ALT3_EN_MII (Port 0)
User Defined
User Defined Address
(1588_AUX_MAC_HI &
1588_AUX_MAC_LO registers)
MAC_USER_EN_1 (Port 1)
MAC_USER_EN_2 (Port 2)
MAC_USER_EN_MII (Port 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com