Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 135 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 135 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 131Page - SMSC Corporation LAN9313 Datasheet HTML 132Page - SMSC Corporation LAN9313 Datasheet HTML 133Page - SMSC Corporation LAN9313 Datasheet HTML 134Page - SMSC Corporation LAN9313 Datasheet HTML 135Page - SMSC Corporation LAN9313 Datasheet HTML 136Page - SMSC Corporation LAN9313 Datasheet HTML 137Page - SMSC Corporation LAN9313 Datasheet HTML 138Page - SMSC Corporation LAN9313 Datasheet HTML 139Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
135
Revision 1.2 (04-08-08)
DATASHEET
10.1.2
Block Diagram
The LAN9313/LAN9313i IEEE 1588 implementation is illustrated in Figure 10.1, and consists of the
following major function blocks:
IEEE 1588 Time Stamp
These three identical blocks provide time stamping functions on all switch fabric ports.
IEEE 1588 Clock
This block provides a 64-bit tunable clock that is used as the time source for all IEEE 1588 time
stamp related functions.
IEEE 1588 Clock/Events
This block provides IEEE 1588 clock comparison-based interrupt generation and time stamp related
GPIO event generation.
Figure 10.1 IEEE 1588 Block Diagram
10/100
PHY
Ethernet
10/100
PHY
MII
Ethernet
IEEE 1588
Time Stamp
MII
To External MAC/PHY
IEEE 1588
Time Stamp
IEEE 1588 Time Stamp
Sync / Delay_Req
Msg Detect RX
Sync / Delay_Req
Msg Detect TX
Clock Capture RX
Src UUID Capture RX
Sequence ID Capture RX
IRQ Flag
Clock Capture TX
Src UUID Capture TX
Sequence ID Capture TX
IRQ Flag
RX
TX
TX: Sync for Master, Delay_Req for Slave
RX: Delay_Req for Master, Sync for Slave
host
IEEE 1588 Clock
64 Bit Clock
carry
32 Bit Accumulator
32 Bit Addend
+
inc
host
IEEE 1588 Clock Events
Clock Capture GPIO8
IRQ Flag
GPIO[8:9]
(Inputs)
Clock Capture GPIO9
IRQ Flag
64 Bit Clock Target
IRQ Flag
compare >=
64 Bit Reload / Add
load / add
GPIO[8:9]
(Outputs)
host
Switch Fabric
IRQ Enables
X9
To INT_STS register
IRQ Flags
MII



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com