Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 137 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 137 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 133Page - SMSC Corporation LAN9313 Datasheet HTML 134Page - SMSC Corporation LAN9313 Datasheet HTML 135Page - SMSC Corporation LAN9313 Datasheet HTML 136Page - SMSC Corporation LAN9313 Datasheet HTML 137Page - SMSC Corporation LAN9313 Datasheet HTML 138Page - SMSC Corporation LAN9313 Datasheet HTML 139Page - SMSC Corporation LAN9313 Datasheet HTML 140Page - SMSC Corporation LAN9313 Datasheet HTML 141Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
137
Revision 1.2 (04-08-08)
DATASHEET
Clock synchronization and hardware processing between the network data and the time stamp capture
hardware causes the time stamp point to be slightly delayed. The host software can account for this
delay, as it is fairly deterministic. Table 10.2 details the time stamp capture delay as a function of the
mode of operation. Refer to Chapter 7, "Ethernet PHYs," on page 84 for details on these modes.
Once the packet type is matched, according to Table 10.1, and the Frame Check Sequence (FCS) is
verified, the following occurs:
The time stamp is loaded into the corresponding ports’ capture registers:
–On Reception: Port x 1588 Clock High-DWORD Receive Capture Register
(1588_CLOCK_HI_RX_CAPTURE_x) and Port x 1588 Clock Low-DWORD Receive Capture
Register (1588_CLOCK_LO_RX_CAPTURE_x)
–On Transmission: Port x 1588 Clock High-DWORD Transmit Capture Register
(1588_CLOCK_HI_TX_CAPTURE_x) and Port x 1588 Clock Low-DWORD Transmit Capture
Register (1588_CLOCK_LO_TX_CAPTURE_x)
The Sequence ID and Source UUID are loaded into the corresponding ports’ registers:
–On Reception: Port x 1588 Sequence ID, Source UUID High-WORD Receive Capture Register
(1588_SEQ_ID_SRC_UUID_HI_RX_CAPTURE_x) and Port x 1588 Source UUID Low-
DWORD Receive Capture Register (1588_SRC_UUID_LO_RX_CAPTURE_x)
–On Transmission: Port x 1588 Sequence ID, Source UUID High-WORD Transmit Capture
Register (1588_SEQ_ID_SRC_UUID_HI_TX_CAPTURE_x) and Port x 1588 Source UUID
Low-DWORD Transmit Capture Register (1588_SRC_UUID_LO_TX_CAPTURE_x)
The corresponding maskable interrupt flag is set in the 1588 Interrupt Status and Enable Register
(1588_INT_STS_EN). (Refer to Section 10.6, "IEEE 1588 Interrupts," on page 140 for information
on IEEE 1588 interrupts.)
Note:
Packets that do not contain an integral number of octets are not considered valid and do not
cause a capture.
10.2.1
Capture Locking
The corresponding ports’ clock capture, sequence ID, and source UUID registers can be optionally
locked when a capture event occurs, preventing them from being overwritten until the host clears the
corresponding interrupt flag in the 1588 Interrupt Status and Enable Register (1588_INT_STS_EN).
This is accomplished by setting the corresponding lock enable bit(s) in the 1588 Configuration Register
(1588_CONFIG). Each port has two lock enable control bits within this register, which allow the receive
and transmit portions of each port to be locked independently. In addition, a lock enable bit is provided
for each time stamp enabled GPIO (LOCK_ENABLE_GPIO_8 and LOCK_ENABLE_GPIO_9) which
prevents the corresponding GPIO clock capture registers from being overwritten when the GPIO
interrupt in 1588 Interrupt Status and Enable Register (1588_INT_STS_EN) is set. Refer to Section
13.1.4.22, "1588 Configuration Register (1588_CONFIG)," on page 185 for additional information on
the capture locking related bits.
Table 10.2 Time Stamp Capture Delay
MODE OF OPERATION
DELAY (+/- 10 nS)
100 Mbps
30 nS
10 Mbps
120 nS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com