| Electronic Components Datasheet Search |
|
LAN9313 Datasheet(PDF) 136 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN9313 Datasheet(HTML) 136 Page - SMSC Corporation |
|
136 / 398 page ![]() Three Port 10/100 Managed Ethernet Switch with MII Datasheet Revision 1.2 (04-08-08) 136 SMSC LAN9313/LAN9313i DATASHEET 10.2 IEEE 1588 Time Stamp The LAN9313/LAN9313i contains three identical IEEE 1588 Time Stamp blocks as shown in Figure 10.1. These blocks are responsible for capturing the source UUID, sequence ID, and current 64-bit IEEE 1588 clock time upon detection of a Sync or Delay_Req message type on their respective port. The mode of the clock (master or slave) determines which message is detected on receive and transmit. For slave clock operation, Sync messages are detected on receive and Delay_Req messages on transmit. For master clock operation, Delay_Req messages are detected on receive and Sync messages on transmit. Follow_Up, Delay_Resp and Management packet types do not cause capture. Each port may be individually configured as an IEEE 1588 master or slave clock via the master/slave bits (M_nS_1 for Port 1, MnS_2 for Port2, and M_nS_MII for Port 0) in the 1588 Configuration Register (1588_CONFIG). Table 10.1 summarizes the message type detection under slave and master IEEE 1588 clock operation. For ports 1 and 2, receive is defined as data from the PHY (from the outside world) and transmit is defined as data to the PHY. This is consistent with the point-of-view of where the partner clock resides (LAN9313/LAN9313i receives packets from the partner via the PHY, etc.). For the time stamp module connected to the external MII port (Port 0), the definition of transmit and receive is reversed. Receive is defined as data from the switch fabric, while transmit is defined as data to the switch fabric. This is consistent with the point-of-view of where the partner clock resides (LAN9313/LAN9313i receives packets from the partner via the switch fabric, etc.). As defined by IEEE 1588, and shown in Figure 10.2, the message time stamp point is defined as the leading edge of the first data bit following the Start of Frame Delimiter (SFD). However, since the packet contents are not yet known, the time stamp can not yet be loaded into the capture register. Therefore, the time stamp is first stored into a temporary internal holding register at the start of every packet. Table 10.1 IEEE 1588 Message Type Detection IEEE 1588 CLOCK MODE RECEIVE TRANSMIT Slave (M_nS_x = 0) Sync Delay_Req Master (M_nS_x = 1) Delay_Req Sync Figure 10.2 IEEE 1588 Message Time Stamp Point bit time 0 1 0 1 0 1 0 1 0 1 0 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 Preamble Octet Ethernet Start of Frame Delimiter First Octet following Start of Frame Message Timestamp Point |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |