Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 192 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 192 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 188Page - SMSC Corporation LAN9313 Datasheet HTML 189Page - SMSC Corporation LAN9313 Datasheet HTML 190Page - SMSC Corporation LAN9313 Datasheet HTML 191Page - SMSC Corporation LAN9313 Datasheet HTML 192Page - SMSC Corporation LAN9313 Datasheet HTML 193Page - SMSC Corporation LAN9313 Datasheet HTML 194Page - SMSC Corporation LAN9313 Datasheet HTML 195Page - SMSC Corporation LAN9313 Datasheet HTML 196Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
192
SMSC LAN9313/LAN9313i
DATASHEET
13.1.5
Switch Fabric
This section details the memory mapped System CSR’s which are related to the Switch Fabric. The
flow control of all three ports of the switch fabric can be configured via the memory mapped System
CSR’s MANUAL_FC_1, MANUAL_FC_2 and MANUAL_FC_MII. The MAC address used by the switch
for Pause frames is configured via the SWITCH_MAC_ADDRH and SWITCH_MAC_ADDRL registers.
In addition, the SWITCH_CSR_CMD, SWITCH_CSR_DATA and SWITCH_CSR_DIRECT_DATA
registers serve as a memory mapped accessible interface to the full range of otherwise inaccessible
switch control and status registers. A list of all the switch fabric CSRs can be seen in Table 13.12. For
additional information on the switch fabric, including a full explanation on how to use the switch fabric
CSR interface registers, refer to Chapter 6, "Switch Fabric," on page 57. For detailed descriptions of
the Switch Fabric CSR’s that are accessible via these interface registers, refer to section Section 13.3,
"Switch Fabric Control and Status Registers".
13.1.5.1
Port 1 Manual Flow Control Register (MANUAL_FC_1)
This read/write register allows for the manual configuration of the switch Port 1 flow control. This
register also provides read back of the currently enabled flow control settings, whether set manually
or Auto-Negotiated. Refer to Section 6.2.3, "Flow Control Enable Logic," on page 60 for additional
information.
Note:
The flow control values in the PHY_AN_ADV_1 register (see Section 13.2.2.5, on page 239)
within the PHY are not affected by the values of this register.
Offset:
1A0h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:7
RESERVED
RO
-
6
Port 1 Backpressure Enable (BP_EN_1)
This bit enables/disables the generation of half-duplex backpressure on
switch Port 1.
0: Disable backpressure
1: Enable backpressure
R/W
Note 13.4
5
Port 1 Current Duplex (CUR_DUP_1)
This bit indicates the actual duplex setting of switch Port 1.
0: Full-Duplex
1: Half-Duplex
RO
Note 13.5
4
Port 1 Current Receive Flow Control Enable (CUR_RX_FC_1)
This bit indicates the actual receive flow setting of switch Port 1.
0: Flow control receive is currently disabled
1: Flow control receive is currently enabled
RO
Note 13.5
3
Port 1 Current Transmit Flow Control Enable (CUR_TX_FC_1)
This bit indicates the actual transmit flow setting of switch Port 1.
0: Flow control transmit is currently disabled
1: Flow control transmit is currently enabled
RO
Note 13.5
2
Port 1 Full-Duplex Receive Flow Control Enable (RX_FC_1)
When the MANUAL_FC_1 bit is set, or Auto-Negotiation is disabled, this bit
enables/disables the detection of full-duplex Pause packets on switch Port 1.
0: Disable flow control receive
1: Enable flow control receive
R/W
Note 13.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com