Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 194 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 194 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 190Page - SMSC Corporation LAN9313 Datasheet HTML 191Page - SMSC Corporation LAN9313 Datasheet HTML 192Page - SMSC Corporation LAN9313 Datasheet HTML 193Page - SMSC Corporation LAN9313 Datasheet HTML 194Page - SMSC Corporation LAN9313 Datasheet HTML 195Page - SMSC Corporation LAN9313 Datasheet HTML 196Page - SMSC Corporation LAN9313 Datasheet HTML 197Page - SMSC Corporation LAN9313 Datasheet HTML 198Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
194
SMSC LAN9313/LAN9313i
DATASHEET
13.1.5.2
Port 2 Manual Flow Control Register (MANUAL_FC_2)
This read/write register allows for the manual configuration of the switch Port 2 flow control. This
register also provides read back of the currently enabled flow control settings, whether set manually
or Auto-Negotiated. Refer to Section 6.2.3, "Flow Control Enable Logic," on page 60 for additional
information.
Note:
The flow control values in the PHY_AN_ADV_2 register (see Section 13.2.2.5, on page 239)
within the PHY are not affected by the values of this register.
Offset:
1A4h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:7
RESERVED
RO
-
6
Port 2 Backpressure Enable (BP_EN_2)
This bit enables/disables the generation of half-duplex backpressure on
switch Port 2.
0: Disable backpressure
1: Enable backpressure
R/W
Note 13.8
5
Port 2 Current Duplex (CUR_DUP_2)
This bit indicates the actual duplex setting of switch Port 2.
0: Full-Duplex
1: Half-Duplex
RO
Note 13.9
4
Port 2 Current Receive Flow Control Enable (CUR_RX_FC_2)
This bit indicates the actual receive flow setting of switch Port 2.
0: Flow control receive is currently disabled
1: Flow control receive is currently enabled
RO
Note 13.9
3
Port 2 Current Transmit Flow Control Enable (CUR_TX_FC_2)
This bit indicates the actual transmit flow setting of switch Port 2.
0: Flow control transmit is currently disabled
1: Flow control transmit is currently enabled
RO
Note 13.9
2
Port 2 Full-Duplex Receive Flow Control Enable (RX_FC_2)
When the MANUAL_FC_2 bit is set, or Auto-Negotiation is disabled, this bit
enables/disables the detection of full-duplex Pause packets on switch Port 2.
0: Disable flow control receive
1: Enable flow control receive
R/W
Note 13.10
1
Port 2 Full-Duplex Transmit Flow Control Enable (TX_FC_2)
When the MANUAL_FC_2 bit is set, or Auto-Negotiation is disabled, this bit
enables/disables full-duplex Pause packets to be generated on switch Port
2.
0: Disable flow control transmit
1: Enable flow control transmit
R/W
Note 13.10
0
Port 2 Full-Duplex Manual Flow Control Select (MANUAL_FC_2)
This bit toggles flow control selection between manual and auto-negotiation.
0: If auto-negotiation is enabled, the auto-negotiation function
determines the flow control of switch Port 2 (RX_FC_2 and TX_FC_2
values ignored). If auto-negotiation is disabled, the RX_FC_2 and
TX_FC_2 values are used.
1: TX_FC_2 and RX_FC_2 bits determine the flow control of switch Port
2 when in full-duplex mode
R/W
Note 13.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com