Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 197 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 197 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 193Page - SMSC Corporation LAN9313 Datasheet HTML 194Page - SMSC Corporation LAN9313 Datasheet HTML 195Page - SMSC Corporation LAN9313 Datasheet HTML 196Page - SMSC Corporation LAN9313 Datasheet HTML 197Page - SMSC Corporation LAN9313 Datasheet HTML 198Page - SMSC Corporation LAN9313 Datasheet HTML 199Page - SMSC Corporation LAN9313 Datasheet HTML 200Page - SMSC Corporation LAN9313 Datasheet HTML 201Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
197
Revision 1.2 (04-08-08)
DATASHEET
Note 13.12
The default value of this field is determined by the BP_EN_strap_mii configuration strap.
The strap value is loaded during reset and can be re-written by the EEPROM Loader. Once
the EEPROM Loader re-writes the value, this register is updated with the new values. See
Section 4.2.4, "Configuration Straps," on page 45 for more information.
Note 13.13
The default value of this bit is determined by multiple strap settings. The strap values are
loaded during reset and can be re-written by the EEPROM Loader. Once the EEPROM
Loader re-writes the values, this register is updated with the new values. Refer to Section
6.2.3, "Flow Control Enable Logic," on page 60 for additional information.
Note 13.14
The default value of this field is determined by the FD_FC_strap_mii configuration strap.
The strap value is loaded during reset and can be re-written by the EEPROM Loader. Once
the EEPROM Loader re-writes the value, this register is updated with the new values. See
Section 4.2.4, "Configuration Straps," on page 45 for more information.
Note 13.15
This bit is RO when in MAC mode.
Note 13.16
The default value of this field is determined by the manual_FC_strap_mii configuration
strap. The strap value is loaded during reset and can be re-written by the EEPROM
Loader. Once the EEPROM Loader re-writes the value, this register is updated with the
new values. In MAC mode, this bit is not re-written by the EEPROM Loader and has a
default value of “1”. See Section 4.2.4, "Configuration Straps," on page 45 for more
information.
0
Port 0 Full-Duplex Manual Flow Control Select (MANUAL_FC_MII)
This bit toggles flow control selection between manual and auto-negotiation.
0: If auto-negotiation is enabled, the auto-negotiation function
determines the flow control of switch Port 0 (RX_FC_MII and
TX_FC_MII values ignored). If auto-negotiation is disabled, the
RX_FC_MII and TX_FC_MII values are used.
1: TX_FC_MII and RX_FC_MII bits determine the flow control of switch
Port 0 when in full-duplex mode
Note:
In MAC mode, this bit is forced high. The Virtual PHY is not
applicable in this mode and full-duplex flow control should be
controlled manually by the host based on the external PHYs Auto-
Negotiation results.
R/W
Note 13.15
Note 13.16
BITS
DESCRIPTION
TYPE
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com