Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 198 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 198 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 194Page - SMSC Corporation LAN9313 Datasheet HTML 195Page - SMSC Corporation LAN9313 Datasheet HTML 196Page - SMSC Corporation LAN9313 Datasheet HTML 197Page - SMSC Corporation LAN9313 Datasheet HTML 198Page - SMSC Corporation LAN9313 Datasheet HTML 199Page - SMSC Corporation LAN9313 Datasheet HTML 200Page - SMSC Corporation LAN9313 Datasheet HTML 201Page - SMSC Corporation LAN9313 Datasheet HTML 202Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
198
SMSC LAN9313/LAN9313i
DATASHEET
13.1.5.4
Switch Fabric CSR Interface Data Register (SWITCH_CSR_DATA)
This read/write register is used in conjunction with the Switch Fabric CSR Interface Command Register
(SWITCH_CSR_CMD) to perform read and write operations with the Switch Fabric CSR’s. Refer to
Section 13.3, "Switch Fabric Control and Status Registers," on page 253 for details on the registers
indirectly accessible via this register.
Offset:
1ACh
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:0
Switch CSR Data (CSR_DATA)
This field contains the value read from or written to the Switch Fabric CSR.
The Switch Fabric CSR is selected via the CSR Address (CSR_ADDR[15:0])
bits of the Switch Fabric CSR Interface Command Register
(SWITCH_CSR_CMD).
Upon a read, the value returned depends on the R/nW bit in the Switch
Fabric CSR Interface Command Register (SWITCH_CSR_CMD). If R/nW is
set, the data is from the switch fabric. If R/nW is cleared, the data is the
value that was last written into this register.
R/W
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com