Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 199 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 199 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 195Page - SMSC Corporation LAN9313 Datasheet HTML 196Page - SMSC Corporation LAN9313 Datasheet HTML 197Page - SMSC Corporation LAN9313 Datasheet HTML 198Page - SMSC Corporation LAN9313 Datasheet HTML 199Page - SMSC Corporation LAN9313 Datasheet HTML 200Page - SMSC Corporation LAN9313 Datasheet HTML 201Page - SMSC Corporation LAN9313 Datasheet HTML 202Page - SMSC Corporation LAN9313 Datasheet HTML 203Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
199
Revision 1.2 (04-08-08)
DATASHEET
13.1.5.5
Switch Fabric CSR Interface Command Register (SWITCH_CSR_CMD)
This read/write register is used in conjunction with the Switch Fabric CSR Interface Data Register
(SWITCH_CSR_DATA) to control the read and write operations to the various Switch Fabric CSR’s.
Refer to Section 13.3, "Switch Fabric Control and Status Registers," on page 253 for details on the
registers indirectly accessible via this register.
Offset:
1B0h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31
CSR Busy (CSR_BUSY)
When a 1 is written to this bit, the read or write operation (as determined by
the R_nW bit) is performed to the specified Switch Fabric CSR in CSR
Address (CSR_ADDR[15:0]). This bit will remain set until the operation is
complete, at which time the bit will clear. In the case of a read, the clearing
of this bit indicates to the Host that valid data can be read from the Switch
Fabric CSR Interface Data Register (SWITCH_CSR_DATA). The
SWITCH_CSR_CMD and SWITCH_CSR_DATA registers should not be
modified until this bit is cleared.
R/W
SC
0b
30
Read/Write (R_nW)
This bit determines whether a read or write operation is performed by the
Host to the specified Switch Engine CSR.
0: Write
1: Read
R/W
0b
29
Auto Increment (AUTO_INC)
This bit enables/disables the auto increment feature.
When this bit is set, a write to the Switch Fabric CSR Interface Data Register
(SWITCH_CSR_DATA) register will automatically set the CSR Busy
(CSR_BUSY) bit. Once the write command is finished, the CSR Address
(CSR_ADDR[15:0]) will automatically increment.
When this bit is set, a read from the Switch Fabric CSR Interface Data
Register (SWITCH_CSR_DATA) will automatically increment the CSR
Address (CSR_ADDR[15:0]) and set the CSR Busy (CSR_BUSY) bit. This
bit should be cleared by software before the last read from the
SWITCH_CSR_DATA register.
0: Disable Auto Increment
1: Enable Auto Increment
Note:
This bit has precedence over the Auto Decrement (AUTO_DEC) bit
R/W
0b
28
Auto Decrement (AUTO_DEC)
This bit enables/disables the auto decrement feature.
When this bit is set, a write to the Switch Fabric CSR Interface Data Register
(SWITCH_CSR_DATA) will automatically set the CSR Busy (CSR_BUSY)
bit. Once the write command is finished, the CSR Address
(CSR_ADDR[15:0]) will automatically decrement.
When this bit is set, a read from the Switch Fabric CSR Interface Data
Register (SWITCH_CSR_DATA) will automatically decrement the CSR
Address (CSR_ADDR[15:0]) and set the CSR Busy (CSR_BUSY) bit. This
bit should be cleared by software before the last read from the
SWITCH_CSR_DATA register.
0: Disable Auto Decrement
1: Enable Auto Decrement
R/W
0b
27:20
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com