Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 203 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 203 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 199Page - SMSC Corporation LAN9313 Datasheet HTML 200Page - SMSC Corporation LAN9313 Datasheet HTML 201Page - SMSC Corporation LAN9313 Datasheet HTML 202Page - SMSC Corporation LAN9313 Datasheet HTML 203Page - SMSC Corporation LAN9313 Datasheet HTML 204Page - SMSC Corporation LAN9313 Datasheet HTML 205Page - SMSC Corporation LAN9313 Datasheet HTML 206Page - SMSC Corporation LAN9313 Datasheet HTML 207Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
203
Revision 1.2 (04-08-08)
DATASHEET
Note:
By convention, the right nibble of the left most byte of the Ethernet address (in this example,
the 2 of the 12h) is the most significant nibble and is transmitted/received first.
Figure 13.2 Example SWITCH_MAC_ADDRL, SWITCH_MAC_ADDRH, and EEPROM Setup
12h
0
7
34h
8
15
56h
16
23
78h
24
31
9Ah
BCh
xx
xx
A5h
12h
34h
56h
78h
9Ah
BCh
00h
01h
02h
03h
04h
05h
06h
EEPROM
SWITCH_MAC_ADDRL
SWITCH_MAC_ADDRH
0
7
8
15
16
23
24
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com