Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 201 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 201 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 197Page - SMSC Corporation LAN9313 Datasheet HTML 198Page - SMSC Corporation LAN9313 Datasheet HTML 199Page - SMSC Corporation LAN9313 Datasheet HTML 200Page - SMSC Corporation LAN9313 Datasheet HTML 201Page - SMSC Corporation LAN9313 Datasheet HTML 202Page - SMSC Corporation LAN9313 Datasheet HTML 203Page - SMSC Corporation LAN9313 Datasheet HTML 204Page - SMSC Corporation LAN9313 Datasheet HTML 205Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
SMSC LAN9313/LAN9313i
201
Revision 1.2 (04-08-08)
DATASHEET
13.1.5.6
Switch Fabric MAC Address High Register (SWITCH_MAC_ADDRH)
This register contains the upper 16-bits of the MAC address used by the switch for Pause frames. This
re gist er is used in conjunct i on with Sw it ch Fabric MAC Address Low Register
(SWITCH_MAC_ADDRL). The contents of this register are optionally loaded from the EEPROM at
power-on through the EEPROM Loader if a programmed EEPROM is detected. The least significant
byte of this register (bits [7:0]) is loaded from address 05h of the EEPROM. The second byte (bits
[15:8]) is loaded from address 06h of the EEPROM. The Host can update the contents of this field
after the initialization process has completed.
Refer to Section 13.1.5.7, "Switch Fabric MAC Address Low Register (SWITCH_MAC_ADDRL)" for
information on how this address is loaded by the EEPROM Loader. Section 8.2.4, "EEPROM Loader,"
on page 113 contains additional details on using the EEPROM Loader.
Offset:
1F0h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:16
RESERVED
RO
-
15:0
Physical Address[47:32]
This field contains the upper 16-bits (47:32) of the physical address of the
Switch Fabric MACs.
R/W
FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com