Electronic Components Datasheet Search
  English  ▼

X  

LAN9313 Datasheet(PDF) 202 Page - SMSC Corporation

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9313 Datasheet(HTML) 202 Page - SMSC Corporation

Back Button LAN9313 Datasheet HTML 198Page - SMSC Corporation LAN9313 Datasheet HTML 199Page - SMSC Corporation LAN9313 Datasheet HTML 200Page - SMSC Corporation LAN9313 Datasheet HTML 201Page - SMSC Corporation LAN9313 Datasheet HTML 202Page - SMSC Corporation LAN9313 Datasheet HTML 203Page - SMSC Corporation LAN9313 Datasheet HTML 204Page - SMSC Corporation LAN9313 Datasheet HTML 205Page - SMSC Corporation LAN9313 Datasheet HTML 206Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 398 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Datasheet
Revision 1.2 (04-08-08)
202
SMSC LAN9313/LAN9313i
DATASHEET
13.1.5.7
Switch Fabric MAC Address Low Register (SWITCH_MAC_ADDRL)
This register contains the lower 32-bits of the MAC address used by the switch for Pause frames. This
re gist er is used in conju n ct ion wit h Swit ch Fabric MAC Address High Register
(SWITCH_MAC_ADDRH). The contents of this register are optionally loaded from the EEPROM at
power-on through the EEPROM Loader if a programmed EEPROM is detected. The least significant
byte of this register (bits [7:0]) is loaded from address 01h of the EEPROM. The most significant byte
(bits [31:24]) is loaded from address 04h of the EEPROM. The Host can update the contents of this
field after the initialization process has completed.
Refer to Section 8.2.4, "EEPROM Loader," on page 113 for information on using the EEPROM Loader.
Table 13.2 illustrates the byte ordering of the SWITCH_MAC_ADDRL and SWITCH_MAC_ADDRH
registers with respect to the reception of the Ethernet physical address. Also shown is the correlation
between the EEPROM addresses and the SWITCH_MAC_ADDRL and SWITCH_MAC_ADDRH
registers.
F o r exa m pl e, if t h e des ired Et he rne t p h ysi cal ad dre ss is 12 -34 - 56 -78 - 9A-B C, th e
SWITCH_MAC_ADDRL and SWITCH_MAC_ADDRH registers would be programmed as shown in
Figure 13.2. The values required to automatically load this configuration from the EEPROM are also
shown.
Offset:
1F4h
Size:
32 bits
BITS
DESCRIPTION
TYPE
DEFAULT
31:0
Physical Address[31:0]
This field contains the lower 32-bits (31:0) of the physical address of the
Switch Fabric MACs.
R/W
FF0F8000h
Table 13.2 SWITCH_MAC_ADDRL, SWITCH_MAC_ADDRH, and EEPROM Byte Ordering
EEPROM Address
Register Location Written
Order of Reception on Ethernet
01h
SWITCH_MAC_ADDRL[7:0]
1st
02h
SWITCH_MAC_ADDRL[15:8]
2nd
03h
SWITCH_MAC_ADDRL[23:16]
3rd
04h
SWITCH_MAC_ADDRL[31:24]
4th
05h
SWITCH_MAC_ADDRH[7:0]
5th
06h
SWITCH_MAC_ADDRH[15:8]
6th



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com